Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 75Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 76Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC05RC16 — Rev. 3.0
Carrier Modulator Transmitter (CMT)
9.5.1 Time Mode
When the modulator operates in time mode, the modulation mark and
space periods consist of zero or an integer number of fosc ÷ 8 clocks
(= 250 kHz @ 2 MHz osc). This provides a modulator resolution of 4
µs
and a maximum mark and space periods of about 16 ms (each).
However, to prevent carrier glitches which could affect carrier spectral
purity, the modulator control gate and carrier clock are synchronized.
The carrier signal is activated when the modulator gate opens. The
modulator gate can only close when the carrier signal is low (the output
logic level during space periods is low). If the carrier generator is in
baseband mode (BASE bit in MCSR is high), the modulator output will
be at a logic one for the duration of the mark period and at a logic zero
for the duration of a space period. See Figure 9-8.
The mark and space time equations are:
Setting the DIV2 bit in the MCSR will double mark and space times.
tmark
MBUFF
1
+
() 8
×
fosc
----------------------------------------------s
sec
=
tspace
SBUFF
8
×
fosc
------------------------------
s
sec
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com