Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 24 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 20Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 21Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
General Description
General Release Specification
MC68HC05RC16 — Rev. 3.0
General Description
1.5.3 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit. A
crystal, a ceramic resonator, or an external signal connects to these pins
to provide a system clock. The oscillator frequency is two times the
internal bus rate.
Figure 1-5 shows the recommended circuit when using a crystal. The
crystal and components should be mounted as close as possible to the
input pins to minimize output distortion and startup stabilization time.
A ceramic resonator may be used in place of the crystal in cost-sensitive
applications. Figure 1-5 (a) shows the recommended circuit for using a
ceramic resonator. The manufacturer of the particular ceramic resonator
being considered should be consulted for specific information.
An external clock should be applied to the OSC1 input with the OSC2 pin
not connected (see Figure 1-5 (b)). This setup can be used if the user
does not want to run the CPU with a crystal.
Figure 1-5. Oscillator Connections
<
OSC1
OSC2
OSC1
OSC2
MCU
MCU
EXTERNAL CLOCK
UNCONNECTED
(a) Crystal/Ceramic Resonator
(b) External Clock Source
10 M
Ω
Oscillator Connections
Connections
30 pF
30 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com