Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 72 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 70Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 71Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 75Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC05RC16 — Rev. 3.0
Carrier Modulator Transmitter (CMT)
9.4.2 Carrier Generator Data Registers (CHR1, CLR1, CHR2, and CLR2)
The carrier generator contains two, 7-bit data registers: primary high
time (CHR1), primary low time (CLR1); and two, 6-bit data registers:
secondary high time (CHR2) and secondary low time (CLR2). Bit 7 of
CHR1 and CHR2 is used to read and write the IRO latch.
Address:
$0010
Bit 7
654321
Bit 0
Read:
IROLN
0
PH5
PH4
PH3
PH2
PH1
PH0
Write:
Reset:
0
0
UUUUUU
U = Unaffected
Figure 9-3. Carrier Generator Data Register CHR1
Address:
$0011
Bit 7
654321
Bit 0
Read:
IROLP
0
PL5
PL4
PL3
PL2
PL1
PL0
Write:
Reset:
0
0
UUUUUU
U = Unaffected
Figure 9-4. Carrier Generator Data Register CLR1
Address:
$0012
Bit 7
654321
Bit 0
Read:
0
0
SH5
SH4
SH3
SH2
SH1
SH0
Write:
Reset:
0
0
UUUUUU
U = Unaffected
Figure 9-5. Carrier Generator Data Register CHR2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com