Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 66 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 62Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 63Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 64Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 65Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 66Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
Core Timer
General Release Specification
MC68HC05RC16 — Rev. 3.0
Core Timer
8.5 Computer Operating Properly (COP) Reset
The COP watchdog timer function is implemented on this device by
using the output of the RTI circuit and further dividing it by eight. The
minimum COP reset rates are listed in Table 8-1. If the COP circuit times
out, an internal reset is generated and the normal reset vector is fetched.
Preventing a COP timeout, or clearing the COP is accomplished by
writing a zero to bit 0 of address $3FF0. When the COP is cleared, only
the final divide-by-eight stage (output of the RTI) is cleared.
If the COP watchdog timer is allowed to time out, an internal reset is
generated to reset the MCU.
The COP remains enabled after execution of the WAIT instruction and
all associated operations apply. If the STOP instruction is disabled,
execution of STOP instruction causes the CPU to execute a WAIT
instruction. In addition, the COP is prohibited from being held in reset.
This prevents a device lock-up condition.
This COP’s objective is to make it impossible for this device to become
stuck or locked-up and to be sure the COP is able to rescue the part from
any situation where it might entrap itself in abnormal or unintended
behavior. This function is a mask option.
8.6 Timer During Wait Mode
The CPU clock halts during wait mode, but the timer remains active. If
interrupts are enabled, a timer interrupt will cause the processor to exit
wait mode. The COP is always enabled while in user mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com