Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 70Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 71Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
Carrier Modulator Transmitter (CMT)
Carrier Generator
MC68HC05RC16 — Rev. 3.0
General Release Specification
Carrier Modulator Transmitter (CMT)
9.4.1 Time Counter
The high/low time counter is a 6-bit up counter. After each increment, the
contents of the counter are compared with the appropriate high or low
count value register. When this value is reached, the counter is reset and
the compare is redirected to the other count value register. Assuming
that the high time count compare register is currently active, a valid
compare will cause the carrier output to be driven low. The counter will
continue to increment and when reaching the value stored in the
selected low count value register, it will be cleared and will cause the
carrier output to be driven high. The cycle repeats, automatically
generating a periodic signal which is directed to the modulator. The
lowest frequency (maximum period) and highest frequency (minimum
period) which can be generated are defined below.
fmin = fosc ÷ (2 x (2
6 – 1)) Hz
fmax = fosc ÷ (2 x 1) Hz
In the general case, the carrier generator output frequency is:
fout = fosc ÷ (Highcount + Lowcount) Hz
Where:
0 <
Highcount < 64 and
0 <
Lowcount < 64
NOTE:
These equations assume the DIV2 bit (bit 6) of the MCSR is clear. When
the DIV2 bit is set, the carrier generator frequency will be half of what is
shown in these equations.
The duty cycle of the carrier signal is controlled by varying the ratio of
high time to low + high time. As the input clock period is fixed, the duty
cycle resolution will be proportional to the number of counts required to
generate the desired carrier period.
Duty Cycle
Highcount
Highcount
Lowcount
+
----------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com