Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 54 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 50Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 52Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 53Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 122 page
background image
Low-Power Modes
General Release Specification
MC68HC05RC16 — Rev. 3.0
Low-Power Modes
Figure 6-1. Stop Recovery Timing Diagram
6.4 Stop Recovery
The processor can be brought out of stop mode only by an external
interrupt, LPRST, or RESET. Refer to Figure 6-1.
NOTE:
If an external interrupt is pending when stop mode is entered, then stop
mode will be exited immediately.
6.5 Wait Mode
The WAIT instruction places the MCU in a low power-consumption
mode, but wait mode consumes more power than stop mode. All CPU
action is suspended, but the core timer, the oscillator, and any enabled
module remain active. Any interrupt or reset will cause the MCU to exit
wait mode. The user must shut off subsystems to reduce power
3FFE
3FFE
3FFE
3FFE
3FFF
INTERNAL
ADDRESS
BUS
INTERNAL
CLOCK
IRQ3
IRQ2
RESET
OSC11
t
ILCH
4064 t
CYC
RESET OR INTERRUPT
VECTOR FETCH
t
LIH
t
RL
NOTES:
1. Represents the internal gating of the OSC1 pin
2. IRQ pin edge-sensitive mask option
3. IRQ pin level and edge-sensitive mask option
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com