Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 109Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 110Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 111Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 112Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 113Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 114Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 115Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 116Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
113
January 26, 2016
4.6.1.
Timer Mode (MODETC = 0)
In timer mode, the counter register is incremented in each clock cycle. When the counter reaches 0xFFFF_FFFF,
the reload value is copied into the counter register and it sets both the OVERFLOW flag bit and the interrupt line.
The OVERFLOW bit (see Table 4.17) and interrupt line are set high for one clock cycle.
When reload mode is enabled (bit MODESR = 0 in the T32_CTRL register), the counter continues counting.
Otherwise the counter stops. The two other control bits, MODELE and MODEPN in the T32_CTRL register, have
no meaning in this mode.
4.6.2.
Counter Mode (MODETC = 1)
The counter register is incremented in each clock cycle when the trigger is active. When the counter has a value
of 0xFFFF_FFFF and the trigger is active, the reload value is copied into the counter register and the
OVERFLOW bit and the interrupt line are set high for one clock cycle. When the reload mode is enabled
(MODESR = 0 in the T32_CTRL register), the counter continues counting. Otherwise the counter stops.
The two control bits MODELE and MODEPN are used to configure the trigger as shown in Table 4.4.
Table 4.4
Configuration of Timer Trigger Behavior
MODELE
MODEPN
Sensitivity
Behavior
0
0
Falling Edge
Trigger is active when trigger input has a falling edge between clock cycles.
0
1
Rising Edge
Trigger is active when trigger input has a rising edge between clock cycles.
1
0
LOW
Trigger is active when trigger input is low.
1
1
HIGH
Trigger is active when trigger input is high.
4.6.3.
TIMER Module Interrupt
The timer has an interrupt line that is active-high and set high for a single clock cycle whenever the counter
overflows. The interrupt line is connected to the ARM® interrupt 4.
4.6.4.
TIMER Module Registers
The TIMER module uses the following registers:
•
T32_CTRL
TIMER control and configuration register (Table 4.17)
•
T32_TRIGSEL Trigger select register (Table 4.18)
•
T32_CNT
Register containing current TIMER value (Table 4.19)
•
T32_REL
Register containing (Table 4.20)
For detailed register address mapping and bit descriptions, refer to section 4.10.3.
4.7.
SysTick
The Cortex™-M0 core has an integrated SysTick module. For configuration information, refer to the ARM®
Cortex™-M0 Documentation Kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com