Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 112Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 113Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 114Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 115Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 116Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 117Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 118Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 119Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
116
January 26, 2016
RXOVERFLOW: This bit is set by hardware when it is not able to store a received byte into the RX buffer (RX
buffer is already full). It is cleared by a software READ access to the status register. To prevent losing any
information, the set condition has higher priority than the clear condition. This bit is not set when the byte in the
RX buffer is read in the same system clock cycle when the next received byte will be stored.
RXFULL: This bit is set by hardware when a received byte is stored into the RX buffer and cleared when the byte
is read by the software. To prevent losing any information, the set condition has higher priority than the clear
condition. This situation occurs when the byte in the RX buffer is read in the same system clock cycle when the
next received byte will be stored.
TXEMPTY: This flag is active on default. It is cleared when software writes a byte to the TX buffer and is set by
hardware when it moves this byte into the shift register. As it might be possible that both actions happen in the
same system clock cycle, the clear condition has the higher priority.
WRCOLLISION: This flag is set when the software writes a byte into the TX buffer while the TX buffer is not
empty and its contents have not been moved into the shift register in the same system clock cycle. The byte that
the software intends to write is rejected to avoid loss of data. It is cleared by a software READ access to the
status register.
4.8.7.
Syncing the Data Transfer Rate via a Software Pause
When the software is not able to read the RX byte before the next byte is received (RXOVERFLOW bit = 1 in the
Z1_SPISTAT register), the timing can be relaxed by not writing the second TX byte until the first RXFULL interrupt
in the Z1_SPISTAT register. Instead the second TX byte can be written after this interrupt. This guarantees that
no RX overflow can occur but introduces some delay between two consecutive bytes as the module waits for the
next byte transfer until data is present.
4.8.8.
Master SPI Registers
The following registers are used by the SPI MASTER module:
•
Z1_SPICFG
SPI configuration register
•
Z1_SPIDATA
READ/WRITE access to this register accesses the SPI RX data buffer and the TX data
buffer respectively
•
Z1_SPICLKCFG SPI clock configuration
•
Z1_SPISTAT
Collects SPI status flags
For detailed register address mapping and bits description, refer to section 4.10.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com