Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 117Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 118Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 119Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 120Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 121Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 122Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 123Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 124Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
121
January 26, 2016
In a successful transmission, the transmitter first sends a 1 (STOP bit is placed at the beginning so that software
does not have to take care about the length of the previously received STOP bit), then sends a 0 (START bit) and
then the data byte is appended. At the end of the data byte transmission, the bus is released. If further data is
present, the transmitter remains active and continues transmission. If the TX buffer is empty, the transmitter is de-
activated (TXACTIVE is set to 0 in Z1_LINCFG).
Because several slaves might attempt to send data on the bus, it is possible that a conflict could occur on the bus
(first error condition). This can only be detected when the module sends a 1 (recessive value) but receives a 0
(dominant value). There are three checks implemented for this:
•
The receiver is already activated when the transmitter will be started
•
A falling edge is detected on the bus while sending the STOP bit at the beginning
•
A 0 is received during the data byte while transmitting a 1
In all three cases, the transmitter is stopped (TXACTIVE bit is set to 0 in Z1_LINCFG) and the TX buffer is cleared
(TXEMPTY bit is set in LINSTAT) to prevent invalid data from remaining in the buffer. The CONFLICT flag in the
LINSTAT register is also set.
There is a second error condition that might occur. For some error conditions (see section 3.13), the LIN PHY can
protect the bus by disabling the transmitter. This can be detected when sending a 0 but receiving a 1. This
condition is checked at the end of each transmitted bit. When this error condition is detected, the transmitter is
stopped (TXACTIVE bit is set to 0 in LINSTAT) and the TX buffer is cleared (TXEMPTY is set in LINSTAT) to
prevent invalid data remaining in the buffer. Additionally the TXOFF flag bit in the LINSTAT register is set.
It is also possible that the master generates a BREAK and SYNC field while the SW-LIN is transmitting and that
no bus conflict occurs. Therefore the transmitter is also de-activated when a sync strobe is detected.
Figure 4.11 Waveforms of the TX and RX Control and Status Signals
RXENABLE_R
RXD_I
RXACTIVE_R
TXEMPTY_R
TXACTIVE_R
TXD_O
CLEARED BY DATA
PRESENT IN TX BUFFER
SET BY DATA PRESENT
IN TX BUFFER
CLEARED BY NO DATA
PRESENT IN TX BUFFER
END OF STOP BIT FROM RECEIVED PID
TX-START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com