Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 119Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 120Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 121Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 122Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 123Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 124Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 125Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 126Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
123
January 26, 2016
4.10. MCU Registers Description
4.10.1.
System Registers
The SMU registers are mapped into the system address space between 0x4000_0000 and 0x4000_03FF.
Unused addresses must not be accessed.
Table 4.5
Register [0x4000_0000] SYS_CLKCFG
SYS_CLKCFG
ADD: 0x4000_0000
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
1:0
CLKDIV
R / W
R
0
Clock divider value:
0: Incoming clock is divided by 1
1: Incoming clock is divided by 2
2: Incoming clock is divided by 4
3: Incoming clock is divided by 8
6 : 2
---
R
---
0
Unused; always read as 0.
7
---
R/W
R
0
Reserved.*
31 : 8
---
R
---
0
Unused; always read as 0.
Table 4.6
Register [0x4000_0004] SYS_MEMPORTCFG
SYS_MEMPORTCFG
ADD: 0x4000_0004
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
PPNOD
R / W
R
0
Output configuration bits.
It can be individually selected for each GPIO whether it
functions as an open-drain (set to 0) or as a push-pull
(set to 1).
15 : 8
N/A
N/A
N/A
0
Reserved.
17 : 16
N/A
N/A
N/A
0
Reserved, do not write to these bits.
20 : 18
N/A
N/A
N/A
0
Reserved, do not write to these bits.
23 : 21
N/A
N/A
N/A
0
Reserved, do not write to these bits.
29 : 24
---
R
---
0
Unused; always read as 0.
30
LINTEST
R / W
R
0
Configuration bit for LIN test. When set, RXD and TXD
lines are directly connected to the GPIO.
31
MEMSWAP
R / W
R
0
Memory swap bit. It can be selected whether the FLASH
MAIN area (set to 0) or the RAM (set to 1) will be
mirrored to system address 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com