Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
4 max.
4 max.
3 2
4 2
21 1
87 1
45 1
Resin(black)
Resin (ET-2 : light brown, ETB : black)
Soldered terminal
Resin
(0.17)
(0.25)
Enlarged view
Solder plated lead wires
(resin coated insulation)
Solder plated lead wires
(0.17)
(0.25)
Enlarged view
ET-2, ETB
ET-3
ET-1
Part number
Dimensions
ET THERMISTOR
The ET thermistor is smaller version of the AT thermistor.
Its fast response time and high reliability makes it
Particularly suitable for use in medical equipment
and thermometers. Manufactured by full-automated
production line, all ET thermistors have identical size and
that makes it possible to assemble sensors automatically.
503 ET 1
-
ET thermistor
Shape
Rated zero-power resistance at 25 C
503 : 50k
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)
*3
Operating temp.
range ( C)
Rated power
at 25 C(mW)
402ET-1(2)
103ET-1(2)
303ET-1(2)
403ET-1(2)
413ET-1(2)
503ET-1(2)
593ET-1(2)
833ET-1(2)
104ET-1(2)
224ET-1(2)
234ET-1(2)
103ETB
503ET-3
4.0k
3%
10.0k
3%
30.0k
3%
40.0k
3%
41.0k
3%
50.0k
3%
59.0k
3%
83.0k
3%
100.0k
3%
226.0k
3%
232.0k
3%
10.0k
2%
50.0k
2%
3100K 1%
3250K 1%
3760K 1%
3525K 1%
3435K 1%
4055K 1%
3617K 1%
4013K 1%
4132K 1%
4021K 1%
4274K 1%
3435K 1%
4086K 1%
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
6
6
6
6
6
6
6
6
6
6
6
6
6
40
90
40
90
40 100
40 100
40 100
40 100
40 100
40 100
40
90
40 100
40 100
40
90
40 100
Temperature ( C)
Type
Resistance-Temperature
Unit (k )
Unit (k )
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
57.71
35.34
22.38
14.60
9.797
6.737
4.736
3.394
2.476
1.835
1.378
1.049
0.7997
0.6145
170.9
102.2
63.07
40.08
26.16
17.51
11.99
8.387
5.988
4.353
3.217
2.414
1.836
1.416
253.7
149.8
91.30
57.31
37.00
24.47
16.56
11.45
8.070
5.791
4.222
3.125
2.346
833.3
481.1
287.5
177.2
112.4
73.00
48.61
33.08
22.96
16.26
11.70
8.569
6.367
4.797
3.662
772.8
456.5
277.9
174.1
111.7
73.63
49.57
34.08
23.89
17.06
12.38
9.135
6.838
5.190
3.990
474.4
272.7
161.9
99.13
62.38
40.24
26.58
17.93
12.33
8.588
6.064
4.338
3.142
445.8
271.7
170.1
109.4
72.10
48.55
33.41
23.44
16.73
12.15
8.951
6.697
5.077
788.5
453.0
269.3
164.8
103.6
66.91
44.18
29.80
20.51
14.37
10.24
7.419
5.459
977.5
559.0
329.8
200.5
125.3
80.27
52.62
35.23
24.00
16.59
11.64
8.287
2116
1225
730.1
447.8
282.1
182.1
120.3
81.07
55.75
39.01
27.78
20.10
14.75
2515
1401
808.2
480.2
293.7
184.4
118.6
78.00
52.39
35.87
24.99
17.72
12.75
204.7
118.5
71.02
43.67
27.70
18.07
12.11
8.301
5.811
4.147
3.011
2.224
1.668
1.267
402ET
103ET
303ET
403ET
413ET
503ET
593ET
833ET
104ET
224ET
234ET
103ETB
Specifications for clinical thermo-meter
Temperature ( C)
Type
40.22
30.00
21.75
3953
67.04
50.00
36.25
3953
182.4
136.0
98.56
3958
184.5
135.0
95.87
4209
R30
R37
R45
B30/45(K)
503ET
833ET
224ET
234ET
Unit (mm)
1602
855.0
1318
754.3
2664
1421
3325
1769
7005
3784
9046
4680
810.7
445.1
Epoxy resin (White)
Polyurethane-covered CP wire
0.16 Color:White
Soldered (Pb free)
100 2
3 1
5max.
*1 R25 : Rated zero-power resistance value at 25 C.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com