Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 17Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 18Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 19Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 20Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 21Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 22Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 23Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
TEMPERATURE SENSOR
The TEMPERATURE SENSOR is assembled one with various parts
and thermistor devices according to the required applications. lts
electric characteristics are the same as those of thermistor devices.
Variable type of sensor can be utilized for detecting or controlling
temperature because its operating temperature range is wide from
50 to
300 C. Standard TEMPERATURE SENSOR is available in
accordance with the applications such as measurements of liquid,
atmosphere and surface temperature.
External dimensions
Fig 1
Fig 2
Fig 3
Fig 5
Fig 4
Fig 6
Fig 7
Fig 8
Fig 10
Fig 9
Fig 11
Fig 12
Fig 13
Fig 15
Fig 14
Unit (mm)
THERMISTOR
THERMISTOR
THERMISTOR
THERMISTOR
THERMISTOR
TAPE
RESIN
RESIN
TUBE
LEAD WIRE
SHRINK TUBE
LEAD WIRE
LEAD WIRE
LEAD WIRE
LEAD WIRE
COPPER PLATE
EPOXY
THERMISTOR
LEAD WIRE
COPPER PIPE
3
2.4
5
56
12
25
EPOXY
5
5.5max.
TUBE
13
25
25
25
40
SUS PIPE
THERMISTOR
LEAD WIRE
RESIN PIPE
THERMISTOR
LEAD WIRE
SUS PIPE
EPOXY
LEAD WIRE
8max.
THERMISTOR
SHRINK TUBE
LEAD WIRE
30
16
7.8
THERMISTOR
LEAD WIRE
THERMISTOR
BRASS
SCREW M5
LEAD WIRE
SCREW PT1/8
50
12
10 5.5
THERMISTOR
SUS PIPE
LEAD WIRE
COPPER CASE
23
13.3
14
7.5
30
THERMISTOR
TUBE
THERMISTOR
LEAD WIRE
NUT
Specifications
Fig
Thermal Time constant(s)
Air
Water
Dissipation factor
mW/ C
Operating temperature range
Application
Thermistor
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
75
40
70
130
65
10
70
30
85
130
260
5
3
Heater
3
1.0
1.2
3
4
5
4
3
2
4.5
1.1
5
2.7
3
1.5
2.6
2.6
30 C
230 C
30 C
105 C
30 C
105 C
30 C
110 C
30 C
110 C
30 C
105 C
30 C
90 C
30 C
105 C
50 C
200 C
50 C
170 C
30 C
100 C
50 C
205 C
30 C
100 C
30 C
105 C
30 C
105 C
Surface temp. sensor for OA equipment.
Air temp. sensor for general use.
Surface temp. sensor for general use.
Air temp. sensor for air conditioner.
Air temp. sensor for air conditioner.
Surface temp. sensor for general use.
Surface temp. sensor for rechargeable battery.
Water (Oil)temp. sensor for general use.
For general use.
Inner temp. sensor for general use.
Fast response water temp. sensor
Surface temp. sensor for cooker.
Air temp. sensor for general use.
For general use.
For general use.
BT
AT
AT
AT(ET)
AT(ET)
AT
AT
AT(ET, GT)
BT
GT(AT, ET)
ET
CT
ET
AT(ET)
AT(ET)
3.1
0.2
0.1
6.4 0.3
1.9 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com