Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 17Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 18Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 19Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 20Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 21Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
TEMPERATURE COMPENSATION
D THERMISTOR
The D thermistor, based on resistance changes, is
used in transistor, coil and other temperature
compensating circuits found in TV
,
s, radio, etc.
1K D- 5
Diameter
Disk thermistor
Rated zero-power resistance at 25 C
1k:1k
Part number
Dimensions
Taping
35 min.
Resin
Soldered CP wire
0.5
6.35 1.3
0 2.0
6.0 max.
5.0 max.
1.5 max.
5.0
0.8
0.2
3.85 0.7
12.7 0.3
12.7 1.0
0.5 0.05
4.0 0.3
2,500pcs/box
Unit (mm)
Unit(mm)
Specifications
Part No.
R25*1
B value*2
Dissipation factor
(mW/ C)
Thermal time
constant(s)*3
Operating temp.
range( C)
Rated power
at 25 C(mW)
*1 R25 : Rated zero-power resistance value at 25 C,
10% are also available.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference.
The value is measured in the air.
50D-5
80D-5
100D-5
200D-5
250D-5
300D-5
360D-5
500D-5
800D-5
1KD-5
1.5KD-5
2KD-5
5KD-5
8KD-5
10KD-5
15KD-5
20KD-5
25KD-5
50KD-5
100KD-5
50.0
15%
80.0
15%
100.0
15%
200.0
15%
250.0
15%
300.0
15%
360.0
15%
500.0
15%
800.0
15%
1.0k
15%
1.5k
15%
2.0k
15%
5.0k
15%
8.0k
15%
10.0k
15%
15.0k
15%
20.0k
15%
25.0k
15%
50.0k
15%
100.0k
15%
3250K 5%
3300K 5%
3300K 5%
3400K 5%
3450K 5%
3500K 5%
3550K 5%
3650K 5%
3850K 5%
3950K 5%
3950K 5%
4000K 5%
4100K 5%
4200K 5%
4200K 5%
4250K 5%
4300K 5%
4300K 5%
4650K 5%
4850K 5%
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
297
297
297
297
297
297
297
297
297
297
297
297
297
297
297
297
297
297
297
297
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110
40
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com