Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 17Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 18Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 19Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
70 min.
Glass
Glass
Part number
Dimensions
BT THERMISTOR
The BT thermistor is a small thermal sensing device
providing high reliability, stable characteristics and a
wide operating range of 50 C to 300 C.
It is used in various applications including medical
apparatus, industrial equipment and home electric
appliances.
10 BT 5
-
Bead thermistor
Shape
Rated zero-power resistance at 25 C 10:10k
4.5max.
70 min.
3.5max.
0.225
Dumet leads
0.2
Dumet leads
Fig.2
(BT-6)
Fig.1
(BT-5)
Specifications
Port No.
R25*
1
B value
*2
Dissipation factor
(mW/ C)
Thermal Time
constant(s)*
3
Operating temp.
range( C)
Rated power
at 25 C(mW)
*1 R25 : Rated zero-power resistance value at 25 C, 5% are also available.
*2 B value : determined by rated zero-power resistance at 25 C and 85 C.
*3 Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air
1BT-5
2BT-5
5BT-5(6)
9BT-5(6)
10BT-5(6)
20BT-5(6)
30BT-5(6)
40BT-5(6)
100BT-5(6)
400BT-5(6)
500BT-5(6)
1.3MBT-5(6)
1.000k
10%
2.000k
10%
5.000k
10%
9.000k
10%
10.00k
10%
20.00k
10%
30.00k
10%
40.00k
10%
100.0k
10%
400.0k
10%
500.0k
10%
1300k
10%
3,250K
3%
3,420K
3%
3,450K
3%
3,470K
3%
3,250K
3%
3,330K
3%
3,450K
3%
3,550K
3%
3,750K
3%
4,050K
3%
3,760K
3%
4,380K
3%
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5(0.4)
0.5
0.5
4
12
4
12
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
4
12(3
8)
50
150
50
300
50
300
50
300
50
300
50
300
50
300
50
300
50
300
50
300
50
300
50
150
2.5
2.5
2.5(2)
2.5(2)
2.5(2)
2.5(2)
2.5(2)
2.5(2)
2.5(2)
2.5(2)
2.5(2)
2.5(2)
Temperature ( C)
Type
Resistance-Temperature
50
40
30
20
10
0
10
20
25
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
29.87
17.33
10.35
6.374
4.038
2.629
1.755
1.200
1.000
0.8380
0.5973
0.4338
0.3205
0.2407
0.1834
0.1417
0.1110
0.08789
70.71
40.02
23.28
13.96
8.640
5.513
3.610
2.421
2.000
1.661
1.163
0.8311
0.6043
0.4468
0.3357
0.2559
0.1978
0.1547
0.1224
0.09789
0.07908
0.06450
35.44
21.84
13.87
9.057
6.060
5.000
4.148
2.898
2.065
1.497
1.104
0.8267
0.6280
0.4836
0.3771
0.2975
0.2373
0.1913
0.1556
0.1278
0.1058
0.08836
0.07432
0.06295
344.8
190.3
109.1
64.81
39.70
25.15
16.36
10.92
9.000
7.456
5.200
3.698
2.677
1.970
1.473
1.117
0.8581
0.6685
0.5264
0.4191
0.3369
0.2735
284.8
163.4
97.62
60.41
38.63
25.45
17.22
11.92
10.00
8.434
6.084
4.456
3.303
2.460
1.850
1.405
1.078
0.8355
0.6540
0.5171
0.4126
0.3321
0.2696
0.2207
0.1818
0.1508
0.1258
0.1056
686.7
383.1
222.6
134.2
83.61
53.75
35.53
24.09
20.00
16.70
11.81
8.511
6.248
4.658
3.522
2.698
2.093
1.640
1.296
1.027
0.8190
0.6581
0.5327
0.4345
0.3567
0.2947
0.2451
0.2052
83.80
54.46
36.37
30.00
24.88
17.39
12.40
8.990
6.629
4.962
3.767
2.897
2.255
1.774
1.410
1.130
0.9113
0.7374
0.5997
0.4909
0.4048
0.3360
0.2808
0.2360
0.1995
0.1695
0.1447
0.1243
0.1072
0.09283
0.08078
0.07060
306.8
184.7
115.0
73.88
48.77
40.00
33.00
22.82
16.10
11.57
8.457
6.279
4.730
3.611
2.792
2.182
1.727
1.378
1.107
0.8943
0.7252
0.5915
0.4859
0.4018
0.3344
0.2802
0.2361
0.2000
0.1704
0.1458
0.1255
0.1084
0.09408
0.08200
4860
2599
1439
827.4
491.1
301.4
190.1
123.1
100.0
81.71
55.39
38.31
27.00
19.38
14.14
10.48
7.866
5.968
4.580
3.551
2.782
2.201
1.757
1.416
1.150
0.9418
0.7770
0.6458
0.5403
0.4551
0.3855
0.3286
0.2816
0.2426
0.2100
0.1826
0.1595
1486
945.3
614.7
500.0
408.9
277.7
192.1
135.3
96.90
70.47
52.00
38.90
29.49
22.63
17.55
13.76
10.90
8.717
7.034
5.722
4.692
3.876
3.225
2.702
2.277
1.930
1.644
1.407
1.209
1.041
0.8995
0.7810
8066
4598
2718
1652
1300
1029
656.0
427.8
284.5
193.0
133.0
92.76
65.53
46.91
34.03
25.02
18.59
13.99
10.63
8.163
6.336
4.965
3.926
3.131
2.517
2.039
1.663
1.366
1.129
0.9398
0.7871
0.6628
0.5612
1BT
2BT
5BT
9BT
10BT
20BT
30BT
40BT
100BT
400BT
500BT
1.3MBT
11043
6198
3573
2109
1274
788.4
498.7
400.0
322.4
212.8
143.3
98.24
68.52
48.50
34.91
25.47
18.83
14.10
10.68
8.180
6.332
4.957
3.915
3.120
2.508
2.032
1.658
1.363
1.127
0.9390
0.7864
0.6626
0.5613
0.4780
0.4091
0.3518
Unit(k )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com