Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 36Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 37Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 38Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 39Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 40Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 41Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 42Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 43Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
42
Dimensions
A glass tube is sealed at both side by electrodes, and
inside of it is filled up by inert gas.
M2P type
Dimensions
Specifications
Specifications
GTA type
Unit (mm)
Unit (mm)
Unit (mm)
Unit (mm)
Electrodes are set in a sealed glass, and inert gas is
filled inside.
2
1
3
4
5
6
2
1
20kV/ s
5kV/ s
1kV/ s
100V/ s
2kV/s
100V/s
3
4
5
6
V-t Characteristics
100
10
200
300
400
500
700
1000
2000
4000
7 10 6 10 5 10 4 10 3 10 2 10 1 100 10
Response time (s)
1
10
2
10
3
M2P-800L
M2P-600L
M2P-470L
M2P-350L
M2P-230L
M2P-145L
M2P-90L
GTA-750D
GTA-500D
GTA-350D
GTA-200D
GTA-230D
GTA-250D
GTA-170D
GTA-140D
GTA-100D
GTA-80D
0.8 C.P. wire
Glass tube
24 min.
A
2
1
3
4
5
6
2
1
20kV/ s
5kV/ s
1kV/ s
100V/s
100V/ s
2kV/s
3
4
5
6
V-t Characteristics
10
50
100
500
1000
5000
10000
10
2
10
4
10
6
10
8
Response time (s)
Dimension A
M2P-
90L
6.1 0.2
M2P-
145L
6.1 0.2
M2P-
230L
6.6 0.3
M2P-
350L
6.6 0.3
M2P-
470L
6.6 0.3
M2P-
600L
6.6 0.3
M2P-
800L
7.6 0.3
Glass tube
F : Dumet wire
C
D
A
B
C
D
E
F
GTA-80D GTA-500D
GTA-750D,800D
6.4max.
5.85 0.3
19max
25min.
3min.
0.45
7.0max.
6.5 0.3
19max
25min.
3min.
0.45
GTA-80D
GTA-100D
GTA-140D
GTA-170D
GTA-200D
GTA-230D
GTA-250D
GTA-350D
GTA-500D
GTA-750D
GTA-800D
80V 15%
100V 15%
140V 15%
170V 15%
200V 15%
230V 15%
250V 15%
350V 15%
500V 15%
750V 15%
800V 15%
1200V max.
1300V max.
1300V max.
1500V max.
1700V max.
1700V max.
1700V max.
2000V max.
2100V max.
4500V max.
5000V max.
Part No.
DC Breakdown
Voltage
(100V/s)
Impulse Breakdown
Voltage
(5kV/ s)
Maximum Single
Impulse Discharge
Current (8/20 s)
Insulation
Resistance
(DC100V or 50V)
Capacitance
(1kHz)
Impulse Life
(8/20 s)
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
1500A 1 time
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
500A 1000 times
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
10
4 M
min.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
M2P-90L
M2P-145L
M2P-230L
M2P-350L
M2P-470L
M2P-600L
M2P-800L
90V 20%
145V 20%
230V 15%
350V 15%
470V 15%
600V 15%
800V 15%
1000V max.
1000V max.
1000V max.
1500V max.
1500V max.
2500V max.
2500V max.
Part No.
DC Breakdown
Voltage
(100V/s)
Impulse Breakdown
Voltage
(5kV/ s)
Maximum Single
Impulse Discharge
Current(8/20 s)
Insulation
Resistance
(DC100V or 50V)
Capacitance
(1kHz)
Impulse Life
(10/1000 s)
3000A 2 times
3000A 2 times
3000A 2 times
3000A 2 times
3000A 2 times
3000A 2 times
3000A 2 times
500A 100 times
500A 100 times
500A 100 times
500A 100 times
500A 100 times
500A 100 times
500A 100 times
10
4M
min.
10
4M
min.
10
4M
min.
10
4M
min.
10
4M
min.
10
4M
min.
10
4M
min.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
2pF max.
Suffix : shows lead type and no-suffix shows leadless type
Lead type
Lead less type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com