Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 23Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 24Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 25Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 26Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 27Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 28Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 29Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 30Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
27
Z1 type VRD has bipolar electrical
characteristics.
Maximum ratings
Peak pulse power:250 W(10/1000 s)
3.00 kW(8/20 s)
Steady state power dissipation:500 mW
Operating and storage temperature
: 40 C to 125 C
Symbol mark
25 min.
6 0.3
Epoxy resin
0.8 Soldered
copper leads
Type No. Lot No.
Z2 type VRD has bipolar or unipolar
electrical characteristics.
Maximum ratings
Peak pulse power:500 W (10/1000 s)
6.00 kW (8/20 s)
Steady state power dissipation:1W
Operating and storage temperature
: 40 C to 125 C
Symbol mark
25 min.
6 0.3
Epoxy resin
0.8 Soldered
copper leads
Type No. Lot No.
Bi-polar
type
Stand-off
voltage
VS
V
Maximum
leakage
current
IL
A
Breakdown
voltage
VB
V
Test
current
IT
mA
Maximum clamping voltage &
Maximum peak pulse current
10/1000 s
8/20 s
Max. temp.
coef.
%/ C
VC
V
VC
V
Ip
A
Ip
A
Capacitance
(TYP)
pF
Z1015
Z1018
Z1022
Z1027
Z1033
Z1039
Z1047
Z1056
Z1068
Z1082
Z1100
Z1120
Z1150
12.1
14.5
17.8
21.8
26.8
31.6
38.1
45.4
55.1
66.4
81.0
97.0
121.0
5
5
5
5
5
5
5
5
5
5
5
5
5
13.5-16.5
16.2-19.8
19.8-24.2
24.3-29.7
29.7-36.3
35.1-42.9
42.3-51.7
50.4-61.6
61.2-74.8
73.8-90.2
90.0-110
108-132
135-165
1
1
1
1
1
1
1
1
1
1
1
1
1
22.0
26.5
31.9
39.1
47.7
56.4
67.8
80.5
98.0
118.0
144.0
173.0
215.0
11.3
9.43
7.83
6.39
5.24
4.43
3.69
3.10
2.55
2.14
1.73
1.44
1.16
28.4
34.0
41.2
50.5
61.7
73.0
88.0
105.0
127.0
153.0
187.0
222.0
277.0
106.
89.1
73.5
60.0
49.1
41.5
34.4
28.8
23.8
19.8
16.2
13.6
10.9
0.075
0.079
0.082
0.085
0.087
0.090
0.092
0.094
0.096
0.099
0.101
0.103
0.105
450
360
290
240
200
170
140
110
90
80
65
53
42
Bi-polar
type
Uni-polar
type
Stand-off
voltage
Vs
V
Maximum
leakage
current
IL
A
Breakdown
voltage
VB
V
Test
current
IT
mA
Maximum clamping voltage &
Maximum peak pulse current
10/1000 s
8/20 s
VC
V
VC
V
Ip
A
Ip
A
Z2010
Z2012
Z2015
Z2018
Z2022
Z2027
Z2033
Z2039
Z2047
Z2056
Z2068
Z2082
Z2100
Z2120
Z2150
Z2180
Z2008U
Z2010U
Z2012U
Z2015U
Z2018U
Z2022U
Z2027U
Z2033U
Z2039U
Z2047U
Z2056U
Z2068U
Z2082U
Z2100U
Z2120U
Z2150U
Z2180U
6.63
8.10
8.10
9.72
9.72
12.1
12.1
14.5
14.5
17.8
17.8
21.8
21.8
26.8
26.8
31.6
31.6
38.1
38.1
45.4
45.4
55.1
55.1
66.4
66.4
81.0
81.0
97.2
97.2
121.0
121.0
146.0
146.0
500
100
20
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
7.38-9.02
9.00-11.0
9.00-11.0
10.8-13.2
10.8-13.2
13.5-16.5
13.5-16.5
16.2-19.8
16.2-19.8
19.8-24.2
19.8-24.2
24.3-29.7
24.3-29.7
29.7-36.3
29.7-36.3
35.1-42.9
35.1-42.9
42.3-51.7
42.3-51.7
50.4-61.6
50.4-61.6
61.2-74.8
61.2-74.8
73.8-90.2
73.8-90.2
90.0-110
90.0-110
108-132
108-132
135-165
135-165
162-198
162-198
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
12.5
15.0
15.0
17.3
17.3
22.0
22.0
26.5
26.5
31.9
31.9
39.1
39.1
47.7
47.7
56.4
56.4
67.8
67.8
80.5
80.5
98.0
98.0
118.0
118.0
144.0
144.0
173.0
173.0
215.0
215.0
258.0
258.0
40.0
33.4
33.4
28.9
28.9
22.7
22.7
18.8
18.8
15.7
15.7
12.8
12.8
10.5
10.5
8.86
8.86
7.37
7.37
6.21
6.21
5.10
5.10
4.24
4.24
3.47
3.47
2.89
2.89
2.32
2.32
1.94
1.94
16.3
19.5
19.5
22.7
22.7
28.4
28.4
34.0
34.0
41.2
41.2
50.5
50.5
61.7
61.7
73.0
73.0
88.0
88.0
105.0
105.0
127.0
127.0
153.0
153.0
187.0
187.0
222.0
222.0
277.0
277.0
333.0
333.0
372
311
311
267
267
213
213
178
178
147
147
120
120
98.2
98.2
83.0
83.0
68.9
68.9
57.7
57.7
47.7
47.7
39.6
39.6
32.4
32.4
27.3
27.3
21.9
21.9
18.2
18.2
NOTE: Nonsuffix:bi-polar, suffix"U" : uni-polar.
Cathode mark(Uni-polar)
Bi-polar
Uni-polar
Max. temp.
coef.
%/ C
Capacitance
(TYP)
pF
Z2008
6.63
500
7.38-9.02
10
12.5
40.0
16.3
372
0.045
0.063
0.055
0.071
0.066
0.074
0.075
0.079
0.079
0.083
0.082
0.086
0.085
0.089
0.087
0.092
0.090
0.095
0.092
0.097
0.094
0.099
0.096
0.100
0.099
0.102
0.101
0.104
0.103
0.106
0.105
0.107
0.106
0.108
1200
2400
950
1900
790
1580
640
1280
520
1040
420
840
340
680
280
560
240
480
200
400
160
320
130
260
110
220
90
180
75
150
60
120
49
98
Unit (mm)
Unit (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com