Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 17Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 18Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
3 1
48 1
Glass
Nickel-plated
(0.15)
Part number
Time constant
Dimensions
GT THERMISTOR
GT thermistor is combined both superior feature of
BT thermistor and ET thermistor as fast response
time, high reliability, wide category temperature
range, high moisture proof, high accuracy and
reasonable price.
GT thermistor is made up of a high quality
thermistor element and the lead wire is connected to
the thermistor element by alloyed technology, and
glass coating for the thermistor element.
103 GT 1
-
GT thermistor
Shape
Rated zero-power resistance at 25 C
103
: 10k
100
95.0
86.5
80
63.2
60
40
20
0
02
4
6
8
10
12
(%)
Time (s)
in air
in silicone oil
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant(s)
*3
Operating temp.
range( C)
Rated power
at 25 C(mW)
*
1
R25 : Rated zero-power resistance value at 25 C.
*
2
B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3
Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air. (silicone oil)
102GT-1
202GT-1
502GT-1
103GT-1
203GT-1
503GT-1
104GT-1
204GT-1
504GT-1
105GT-1
3305K 2%
3838K 2%
3964K 2%
4126K 2%
4282K 2%
4288K 2%
4267K 2%
4338K 2%
4526K 2%
4608K 2%
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
3
3
3
3
3
3
3
3
3
3
7(0.6)
7(0.6)
7(0.6)
7(0.6)
7(0.6)
7(0.6)
7(0.6)
7(0.6)
7(0.6)
7(0.6)
50 200
50 300
50 300
50 300
50 300
50 300
50 300
50 300
50 300
50 300
Resistance-Temperature
Temperature ( C)
Type
Unit (k )
102GT
202GT
502GT
103GT
203GT
503GT
104GT
204GT
504GT
105GT
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
32.57
18.48
10.84
6.594
4.144
2.675
1.773
1.203
0.8354
0.5918
0.4273
0.3141
0.2347
0.1782
0.1373
0.1072
111.3
61.34
33.69
18.79
10.82
6.424
3.939
2.489
1.618
1.080
0.7390
0.5170
0.3695
0.2693
0.1998
0.1507
0.1154
342.1
175.4
92.54
50.44
28.49
16.66
10.06
6.264
4.019
2.651
1.792
1.239
0.8753
0.6304
0.4624
0.3450
0.2614
0.2010
0.1566
0.1236
825.1
405.3
206.6
109.9
60.72
34.82
20.66
12.64
7.968
5.164
3.436
2.341
1.631
1.159
0.8391
0.6181
0.4626
0.3514
0.2706
0.2111
0.1666
0.1330
0.1073
1901
909.0
453.2
236.6
128.3
72.32
42.24
25.47
15.82
10.10
6.620
4.444
3.050
2.138
1.527
1.111
0.8209
0.6160
0.4686
0.3613
0.2820
0.2226
0.1777
0.1432
0.1166
4613
2199
1100
576.2
315.1
178.8
104.9
63.52
39.62
25.37
16.64
11.16
7.645
5.338
3.795
2.742
2.014
1.501
1.133
0.8662
0.6704
0.5247
0.4149
0.3314
0.2673
0.2174
0.1784
0.1475
0.1230
0.1032
8743
4218
2132
1127
620.0
353.7
208.6
126.8
79.36
50.96
33.49
22.51
15.44
10.80
7.686
5.556
4.082
3.043
2.298
1.758
1.360
1.064
0.8414
0.6714
0.5408
0.4393
0.3597
0.2969
0.2468
0.2065
0.1740
0.1475
0.1258
0.1079
0.09305
0.08065
8810
4436
2329
1272
720.3
421.8
254.6
158.2
100.8
65.85
43.99
29.98
20.82
14.71
10.57
7.720
5.720
4.296
3.269
2.516
1.958
1.539
1.222
0.9796
0.7919
0.6455
0.5303
0.4389
0.3658
0.3068
0.2591
0.2201
0.1881
0.1616
0.1396
12091
6268
3372
1880
1083
642.3
391.9
245.4
157.5
103.3
69.20
47.23
32.84
23.22
16.68
12.15
8.976
6.719
5.091
3.903
3.024
2.367
1.871
1.492
1.200
0.9726
0.7946
0.6539
0.5418
0.4519
0.3793
0.3203
0.2720
0.2323
6920
3833
2190
1289
780.9
485.2
309.0
201.2
133.6
90.53
62.49
43.90
31.34
22.69
16.65
12.39
9.330
7.107
5.472
4.255
3.339
2.644
2.113
1.702
1.382
1.131
0.9323
0.7735
0.6459
0.5424
0.4583
0.3894
Unit (mm)
1.0k
3%
2.0k
3%
5.0k
3%
10.0k
3%
20.0k
3%
50.0k
3%
100.0k
3%
200.0k
3%
500.0k
3%
1000.0k
3%
0.08483
0.06787
0.05488
0.04483
0.03697
0.03077
0.02584
0.02189
0.01869
0.01610
0.08973
0.07068
0.05638
0.04550
0.03715
0.03065
0.02556
0.02151
0.01826
0.09865
0.07967
0.06501
0.05358
0.04457
0.03741
0.03167
0.02703
0.02324
0.02014
0.01759
0.08741
0.07186
0.05960
0.04986
0.04204
0.03573
0.03059
0.02640
0.09573
0.07929
0.06620
0.05570
0.04722
0.04030
HIGH HEAT-RESISTANCE
AND HIGH SENSITIVE THERMISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com