Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 26Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 27Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 28Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 29Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 30Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 31Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 32Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 33Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
CURRENT REGULATIVE DIODE
CRD
CRD is a diode which supplies constant
current to an electric circuit, even when
power supply voltage fluctuations or load
impedance fluctuations occur.
CRD is used for current stabilization and
current limiting.
1.8 0.2
0.5 0.1
1.35 0.1
Solder-plated
electrode
Solder-plated
electrode
(Cathode mark)
Band 1 Black
Band 3
Band 2
Glass sleeve
Cathode
band
Anode
Cathode
Mark
Unit(mm)
F type
E type
100V
Voltage (V)
VB
10V
VK
VR
IR
IP
0.8 IP
Explanation of terms
IP :Pinch-off current at 10V
VK:Voltage which produces
0.8Ip or greater current
VB:Breakdown voltage
IR :Permitted reverse current
Basic characteristics
Taping
Specifications
There are three Types for taping.
Minimum taping quantity for
Type 1 Roll..........5000pcs
Box..........2500pcs
Type 2 4000pcs
Type 3 2500pcs
Maximum ratings
Maximum rating voltage
Rating power
Thermal resistance
Reverse current
Operating temp
E101L E-562
E-822
E-103
E-123
E-153
Voltage
100V
30
30
30
25
E type
300mW
300 C/ W
F type
400mW
150 C/ W
30 C 150 C
50mA
F101L F-562
F-822
F-103
F-123
F-153
Voltage
100V
50
42
34
28
Type 1
Type 3
20 0.5
0 2
3 0.5
6.35 0.5
26.3 0.5
13 2
5 0.8
12.7 0.3
4.0 0.3
0.2 0.05
1.7 0.1
1.7 0.1
4.0 0.1
4.0 0.1
2.0 0.05
18
Insulation
2.75 max.
1.0
0.5
1.5
0.1
0
Type 2
3
3
Pulling
direction
Part retaining
square hole
Feeding
round hole
8.0 0.3
1.75 0.1
3.5
0.05
3.7
0.1
Unit(mm)
Unit(mm)
Unit(mm)
*In principal elements are set with cathode side on the round
hole side.
5 0.5
6 0.1
1.2 max.
1 max.
L1
L1 L2
1.5
L2
26 or 52
*1,*2 Pinch-off current limiting current are measured by impulse wave at 25 C
*3 ZT is minimum AC impedance when small AC signal voltage of 10KHz is added tc 25 VDC bias. ZT is used as the reference value.
*4 Temperature coefficient is measured between 25 C and 50 C.
F-101L
F-101
F-301
F-501
F-701
F-102
F-152
F-202
F-272
F-352
F-452
F-562
F-822
F-103
F-123
F-153
E-101L
E-101
E-301
E-501
E-701
E-102
E-152
E-202
E-272
E-352
E-452
E-562
E-822
E-103
E-123
E-153
Light blue
Light blue
Light blue
Light blue
Light blue
Yellow green
Yellow green
Yellow green
Yellow green
Yellow green
Yellow green
Yellow green
Yellow green
Orange
Orange
Orange
White
Pink
Orange
Yellow green
Blue
Pink
Orange
Yellow green
Light blue
Blue
Purple
White
Yellow
Pink
White
Light blue
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
10V
1L
01
03
05
07
10
15
20
27
35
45
56
82
10
12
15
0.01 0.06
0.05 0.21
0.20 0.42
0.40 0.63
0.60 0.92
0.88 1.32
1.28 1.72
1.68 2.32
2.28 3.10
3.00 4.10
3.90 5.10
5.00 6.50
6.56 9.84
8.00 12.0
9.60 14.4
12.0 18.0
0.4
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.7
3.2
3.7
4.5
3.1
3.5
3.8
4.3
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
0.8lpmin.
8.00
6.00
4.00
2.00
1.00
0.65
0.40
0.25
0.15
0.10
0.07
0.04
0.32
0.17
0.08
0.03
1.1 max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
1.1max.
*1.0max.
*1.0max.
*1.0max.
*1.0max.
2.10
0.10
2.10
0.10
0.40
0.20
0.15
0.25
0.00
0.32
0.10
0.37
0.13
0.40
0.15
0.42
0.18
0.45
0.20
0.47
0.22
0.50
0.25
0.53
0.25
0.45
0.25
0.45
0.25
0.45
0.25
0.45
Part No.
Part No.
Part No.
Indication
F type
Band 2
Band 3
E
Type
Pinch-off current*
1
Limiting current*
2
Dynamic*
3
impedance
ZT(M )
Temperature*
4
coefficient
(%/ C)
Limiting
current ratio
I100V/Ip*I30V/Ip
Test
Voltage
with
lead
lead
less
Ip(mA)
VK(V)
IK(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com