Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
1.6
0.15
2.65
0.2
3.80
0.15
0.02
0.05
1.1
0.15
0.6
103
Dimensions
Dimensions
Taping
Taping
42 Alloy
Epoxy resin
Mark
1.6
0.15
3.0
0.3
0.3
0.8
1.1
0.15
2.65
0.2
8.65
0.5
5.25
0.1
1.7
103
Mark
Epoxy resin
Solder plated
lead wires
42 Alloy
0.6
0.1
(0.1)
0.8
0.6
Unit (mm)
Part number
HT THERMISTOR
103 HT
Shape
Tolerance of R25
Taping HTF only
Rated zero-power resistance at 25 C 103
:10k
HT thermistors are entirely new type of thermistor
for surface mounting (by reflow soldering) and were
acquired from advanced technology.
Our HT thermistors are adapted metal electrodes
packaged in a resin mold, unlike conventional chip
thermistors, and can offer
2% tolerance for a
resistance value at 25 C.
HT series (SMD Thermistor) is not only compact-
surface mounting type but also highly accurate and
reliable.
182.1
93.35
49.85
27.75
16.02
9.541
5.876
3.728
2.431
1.623
303.4
155.6
83.09
46.25
26.70
15.90
9.793
6.214
4.051
2.705
367.7
204.7
118.5
71.02
43.67
27.70
18.07
12.11
8.301
5.811
1539
810.8
445.1
253.8
149.8
91.31
57.32
36.99
24.47
16.56
3135
1602
855.0
474.4
272.7
161.9
99.13
62.38
40.24
26.58
9584
4572
2282
1191
647.2
365.0
212.5
127.7
78.88
50.03
1026
540.5
296.7
169.2
99.85
60.87
38.21
24.66
16.31
11.04
Specifications
Part No.
R25
*1
B value
*2
Dissipation factor
(mW/ C)
Thermal time
constant (s)
*3
Operating temp.
range ( C)
Rated power
at 25 C (mW)
*
1
R25 : Rated zero-power resistance value at 25 C,
1% and 3% are also available.
*
2
B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3
Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.
302HT(F)
502HT(F)
103HT(F)
203HT(F)
303HT(F)
503HT(F)
104HT(F)
3.0k
2%
5.0k
2%
10.0k
2%
20.0k
2%
30.0k
2%
50.0k
2%
100.0k
2%
3860K 1%
3860K 1%
3435K 1%
3760K 1%
3760K 1%
4055K 1%
4390K 1%
1.0
1.0
1.0
1.0
1.0
1.0
1.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
50 125
50 125
50 100
50 125
50 125
50 125
50 125
Resistance-Temperature
50
40
30
20
10
0
10
20
30
40
Type
302HT
502HT
103HT
203HT
303HT
503HT
Type
302HT
502HT
103HT
203HT
303HT
503HT
104HT
Temperature
( C)
Temperature
( C)
1.109
0.7744
0.5513
0.4000
0.2951
0.2210
0.1680
0.1295
0.1142
50
60
70
80
90
100
110
120
125
1.849
1.291
0.9189
0.6667
0.4918
0.3683
0.2800
0.2158
0.1903
4.147
3.011
2.224
1.668
1.267
0.9753
7.632
5.380
3.861
2.815
2.083
1.564
1.190
0.9159
0.8067
11.45
8.070
5.792
4.223
3.125
2.346
1.785
1.374
1.210
17.93
12.33
8.588
6.064
4.338
3.142
2.302
1.705
1.472
32.51
21.61
14.66
10.13
7.135
5.111
3.720
2.746
2.371
Unit (k )
4.0
0.1
1.9
0.1
4.0
0.1
1.45
0.1
2.0
0.1
0.2
0.05
1.55
0.05
1.5
0.1
1.9
0.1
4.0
0.1
4.0
0.1
2.0
0.1
0.2
0.05
(1.45)
104HT
-TP
-
1P
:
1% 2P :
2%
HT
HTF
Minimum quantity:3000pcs/reel
0.2
0
SURFACE MOUNT TYPE THERMISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com