Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 20Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 21Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 22Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 23Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 24Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 25Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 26Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 27Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
Part number
Taping
Dimensions
M 5R1 07
C
Element diameter : 7
Mark
Resistance at 25 C : 5.1
1. Straight lead type
P
P1
PO
D0
t1
t
h
F1
UL approved
File No. E92669
Thermistor type devices
D
D
3.0 min.
d
d
5R110
1N
5R110
1N
D
3.0 min.
d
5R110
1N
T
Part No.
R25
( )
B value
B25/85
(K)
Dissipation
factor
(mW/ C)
Specifications (Disk type)
Maximum
energy
J
(W.s)
Maximum
rating
current
at 25 C
(A)
Residual
resistance
( )
Thermal
time
constant
(s)
Rating
temp
( C)
Maximum capacitance
( F)
AC100V
AC120V
AC220V
AC240V
5.1 10%
8.2 10%
10.0 10%
12.0 10%
16.0 10%
22.0 10%
2.2 10%
3.0 10%
3.9 10%
5.1 10%
8.2 10%
10.0 10%
1.0 10%
2.0 10%
3.0 10%
3.9 10%
5.1 10%
3150 5%
3150 5%
3150 5%
4.6
3.6
3.3
3.6
3.1
2.6
7.4
6.4
5.6
5.7
4.5
4.1
11.9
8.6
8.3
7.4
6.5
0.18
0.30
0.36
0.24
0.43
0.59
0.08
0.11
0.11
0.14
0.22
0.27
0.04
0.07
0.08
0.08
0.14
17.0
17.2
17.2
17.5
17.8
18.0
18.9
19.2
19.5
19.2
19.9
20.1
22.0
23.4
23.6
24.5
24.7
2900 5%
3150 5%
3150 5%
2900 5%
3150 5%
2900 5%
2900 5%
2900 5%
2900 5%
3150 5%
3150 5%
3150 5%
2900 5%
2900 5%
20
25
30
25
30
40
40
45
45
40
50
60
65
90
80
95
110
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
40 200
270
380
470
380
550
660
1,130
1,190
1,300
1,000
1,080
1,130
2,580
2,900
2,130
2,360
2,500
80
110
140
110
160
190
330
350
380
290
320
330
760
860
630
700
740
60
90
110
90
130
160
280
290
320
250
270
280
640
720
530
590
620
M5R107
M8R207
M10007
M12007
M16007
M22007
M2R210
M3R010
M3R910
M5R110
M8R210
M10010
M1R014
M2R014
M3R014
M3R914
M5R114
2.0
2.8
3.4
3.6
4.0
4.8
8.2
8.6
8.0
7.2
7.8
8.2
18.0
21.0
15.0
17.0
18.0
400
560
680
560
800
960
1,640
1,720
1,880
1,440
1,560
1,640
3,720
4,200
3,080
3,400
3,600
Taping
9 0.5
16 0.5
7.5 0.5 4 0.2
0 2
0.6 0.3
15 0.3 3.75 0.7 18
1.0
0.5
3max.
1.5max.
1max.
5min.
P
P0
P1
W
W0
W1
W2
H1
L
F1
D0
tt1
h
D
T
HH0
d
M...07
M...10
M...14
7.5 1
9.5max.
13max.
17max.
12max.
17max.
20.5max.
15max.
19.5max.
22.5max.
6max.
15 1
30 1
M...07
M...10
M...14
*
1
R25 : Rated zero-power resistance value at 25 C.
*
2
B value : determined by rated zero-power resistance at 25 C and 85 C.
*
3
T3
C : Clinch lead
D : Straight lead
CS : Clinch short
Taping
2. Clinch lead type
3. Clinch short lead type
Lead wire
0.8
Tinned copper wire
Residual resistance is the maximum value when maximum rating current is applied.
*1
*2
*3
*4
*
4
Time when thermistor temperature reaches 63.2% of the temperature difference. The value is measured in the air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com