Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 30Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 31Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 32Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 33Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 34Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 35Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 36Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 37Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
Z5D Series
Specifications
Part No.
Varistor
Voltage
V0.1mA(V)
Maximum
Allowable
Voltage
ACrms(V)
DC(V)
Clamping
Voltage
(max.)
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 s)
Capacitance
(max.)
1kHz
V(V)
(W)
(J)
(J)
(A)
(A)
(pF)
(10/1000 s)
(2ms)
1 time
2 times
Z5D180
Z5D220
Z5D270
Z5D330
Z5D390
Z5D470
Z5D560
Z5D680
*1
Z5D820
*1
Z5D101
*1
Z5D121
*1
Z5D151
*1
Z5D201
*1
Z5D221
*1
Z5D241
*1
Z5D271
*1
Z5D331
*1
Z5D361
*1
Z5D391
*1
Z5D431
*1
Z5D471
18(16-20)
22(20-24)
27(24-30)
33(30-36)
39(35-43)
47(42-52)
56(50-62)
68(61-75)
82(74-90)
100(90-110)
120(108-132)
150(135-165)
200(185-225)
220(198-242)
240(216-264)
270(247-303)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
11
14
17
20
25
30
35
40
50
60
75
95
130
140
150
175
210
230
250
275
300
14
18
22
26
31
38
45
56
65
85
100
125
170
180
200
225
270
300
320
350
385
40 at 1A
48
60
73
86
104
123
150
145 at 5A
175
210
260
355
380
415
475
570
620
675
754
810
0.01
0.01
0.01
0.01
0.01
0.01
0.01
0.01
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.6
0.7
0.9
1.1
1.2
1.5
1.8
2.2
3.5
4.0
5.0
6.5
8.5
9.0
10.5
11.0
13.0
16.0
17.0
20.0
21.0
0.4
0.5
0.7
0.8
0.9
1.1
1.3
1.6
2.5
3.0
3.5
4.5
6.0
6.5
7.5
8.0
9.5
11.0
12.0
13.0
15.0
250
250
250
250
250
250
250
250
800
800
800
800
800
800
800
800
800
800
800
800
800
125
125
125
125
125
125
125
125
600
600
600
600
600
600
600
600
600
600
600
600
600
1600
1500
1450
1400
700
650
600
580
460
400
350
300
120
110
100 *2
90 *2
80 *2
80 *2
80 *2
70 *2
60 *2
Z7D Series
Specifications
Part No.
Varistor
Voltage
V1mA(V)
Maximum
Allowable
Voltage
ACrms (V)
DC(V)
Clamping
Voltage
(max.)
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 s)
Capacitance
(max.)
1kHz
V(V)
(W)
(J)
(J)
(A)
(A)
(pF)
(10/1000 s)
(2ms)
1 time
2 times
Z7D180
Z7D220
Z7D270
Z7D330
Z7D390
Z7D470
Z7D560
Z7D680
18(16-20)
22(20-24)
27(24-30)
33(30-36)
39(35-43)
47(42-52)
56(50-62)
68(61-75)
11
14
17
20
25
30
35
40
14
18
22
26
31
38
45
56
36 at 2.5A
43
53
65
77
93
110
135
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
1.1
1.3
1.6
2.0
2.4
2.8
3.4
4.1
0.9
1.1
1.3
1.6
1.9
2.3
2.7
3.3
500
500
500
500
500
500
500
500
250
250
250
250
250
250
250
250
3800
3600
3400
2900
1600
1550
1500
1200
*1
Z7D820
*1
Z7D101
*1
Z7D121
*1
Z7D151
*1
Z7D201
*1
Z7D221
*1
Z7D241
*1
Z7D271
*1
Z7D331
*1
Z7D361
*1
Z7D391
*1
Z7D431
*1
Z7D471
*1
Z7D511
82(74-90)
100(90-110)
120(108-132)
150(135-165)
200(185-225)
220(198-242)
240(216-264)
270(247-303)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
50
60
75
95
130
140
150
175
210
230
250
275
300
320
65
85
100
125
170
180
200
225
270
300
320
350
385
410
135 at 10A
165
200
250
340
360
395
455
545
595
650
710
775
845
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
7
8.5
10
13
17.5
19
21
24
28
32
35
40
42
45
5
6
7
9
12.5
13.5
15
17
20
23
25
27.5
30
32
810
700
590
500
200
190
170
150
130
130
130
120
100 *2
90 *2
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1. Operating temperature range: 40 to 85 C
2. Storage temperature range: 40 to 125 C
*1 UL 1449 approved model
*2 Measured at 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com