Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360D-5 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 360D-5
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

360D-5 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 360D-5 Datasheet HTML 32Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 33Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 34Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 35Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 36Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 37Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 38Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 39Page - List of Unclassifed Manufacturers 360D-5 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
Dimensions
12.5 max.
16.0 max.
9.1 max.
9.1 max.
5.8 max.
6.0 max.
7 max.
8.5 max.
22.5 max.
9.5 max.
7.5 1
7.5 1
5 1
5 1
10 1.0
10 1.0
7.5 1
7.5 1
5 1
5 1
0.8
0.8
0.6
0.6
1.0
7.2 max.
7.2 max.
4.1 max.
4.3 max.
7.4 max.
7.2 max.
7.2 max.
4.1 max.
4.3 max.
7.4 max.
P2
P
D
P1
F
PO
D0
d
h
T
P2
P
D
P1
F
PO
D0
d
h
T
Z5D
Z21D
Crimped Leads and Taped
Z7D
Z10D
Z15D
Z5D
T4C
Z7D
T4C
Straight Leads and Taped
Z5D
T4D
Z7D
T4D
*Dimension’’T’’:Conforms to each individual specification
*Packing quantily:1000pcs/BOX
Symbol
P
F
W
h
d
D
Z5D:7max,
Z7D:8.5max
D
Z5D:7max,
Z7D:8.5max
P0
P1
P2
Type
12.7 1.0
5.0 0.5
18.0
0 2
0.60
12.7 0.3
3.85 0.70
6.35 1.30
0.06
0.05
1.0
0.5
Symbol
t
L
W1
W0
W2
H0
H
Type
5.0min
4.0 0.2
17.0 0.5
0.6 0.3
9.0 0.5
3max
11max
Approx. 22
5.0min
4.0 0.2
17.0 0.5
0.6 0.3
9.0 0.5
3max
11max
Approx. 20
*Dimension"T":Conforms to each individual specification
*Packing quantily:1000pcs/BOX
P
F
W
h
d
P0
P1
P2
12.7 1.0
5.0 0.5
18.0
0 2
0.60
12.7 0.3
3.85 0.70
6.35 1.30
0.06
0.05
1.0
0.5
t
L
D0
D0
W1
W0
W2
H0
H
Unit(mm)
Z21D Series
Specifications
Part No.
Varistor
Voltage
V1mA(V)
Maximum
Allowable
Voltage
ACrms(V)
DC(V)
Clamping
Voltage
(max.)
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 s)
Capacitance
(max.)
1kHz
V(V)
(W)
(J)
(J)
(A)
(A)
(pF)
(10/1000 s)
(2ms)
1 time
2 times
1. Operating temperature range: 40 to 85 C
2. Storage temperature range: 40 to 125 C
Z21D180
Z21D220
Z21D270
Z21D330
Z21D390
Z21D470
Z21D560
Z21D680
18(16-20)
22(20-24)
27(24-30)
33(30-36)
39(35-43)
47(42-52)
56(50-62)
68(61-75)
11
14
17
20
25
30
35
40
14
18
22
26
31
38
45
56
36 at 20A
43
53
65
77
93
110
135
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
13
16
19
24
28
34
41
49
12
14
17
21
25
30
36
44
3000
3000
3000
3000
3000
3000
3000
3000
2000
2000
2000
2000
2000
2000
2000
2000
40000
30000
24500
20000
13800
13500
12200
11500
* Z21D820
* Z21D101
* Z21D121
* Z21D151
* Z21D201
* Z21D221
* Z21D241
* Z21D271
* Z21D331
* Z21D361
* Z21D391
* Z21D431
* Z21D471
* Z21D511
* Z21D561
* Z21D681
* Z21D751
* Z21D821
* Z21D911
* Z21D102
82(74-90)
100(90-110)
120(108-132)
150(135-165)
200(185-225)
220(198-242)
240(216-264)
270(247-303)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
560(504-616)
680(612-748)
750(675-825)
820(738-902)
910(819-1001)
1000(900-1100)
50
60
75
95
130
140
150
175
210
230
250
275
300
320
350
420
460
510
550
625
65
85
100
125
170
180
200
225
270
300
320
350
385
410
450
560
615
670
745
825
135 at 100A
165
200
250
340
360
395
455
545
595
650
710
775
845
930
1120
1240
1355
1500
1650
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
56
70
85
106
140
155
168
190
228
255
275
303
350
382
382
420
460
510
565
40
50
60
75
100
110
120
135
160
180
195
215
250
273
273
273
300
325
360
400
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
7500
7500
7500
7500
7500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
7500
6500
5500
4500
1700
1600
1500
1300
1100
1100
1100
1000
900
800
750
650
600
530
500
450
* UL 1449 approved model
382
7500
✻
✻



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com