Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 40 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 36Page - Analog Devices AD6654BBC Datasheet HTML 37Page - Analog Devices AD6654BBC Datasheet HTML 38Page - Analog Devices AD6654BBC Datasheet HTML 39Page - Analog Devices AD6654BBC Datasheet HTML 40Page - Analog Devices AD6654BBC Datasheet HTML 41Page - Analog Devices AD6654BBC Datasheet HTML 42Page - Analog Devices AD6654BBC Datasheet HTML 43Page - Analog Devices AD6654BBC Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
AD6654
Rev. 0 | Page 40 of 88
control register bypasses this fixed coefficient HB filter. The
filter is useful only in certain filter configurations and bypassing
it for other applications results in power savings. For example,
the filter is useful in narrow-band applications in which more
filtering is required, as compared to wide-band applications, in
which a higher output rate might prohibit the use of a decimat-
ing filter. The response of the HB2 filter is shown in Figure 52.
FRACTION OF HB2 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.01
–19.99
–29.99
–9.99
–39.99
–49.99
–60.00
–70.00
–80.00
–90.00
–100.00
–110.00
–120.00
–65
0.66
0.34
HB2 RESPONSE
Figure 52. HB2 Filter Response to the Input Rate of the Filter
The filter input sample rate is the same as the FIR2 filter output
rate and is given by one of the following equations:
fHB2 = fFIR2 = fHB1,
if HB1 is bypassed
fHB2 = fFIR2 =
2
HB1
f
,
if HB1 is not bypassed
where:
fFIR2
is the input rate of the FIR2 filter.
fHB2
is the input rate of the HB2 filter.
The input to the filter has a maximum of 75 MHz. The
maximum output rate when not bypassed is 37.5 MHz.
The filter has a ripple of 0.00075 dB and rejection of 81 dB. For
an alias rejection of 81 dB, the alias-protected bandwidth is 33%
of the filter input sample rate. The bandwidth of the filter for a
ripple of 0.00075 dB is the same as alias-protected bandwidth,
due to the nature of half-band filters. The 3 dB bandwidth of
this filter is 47% of the filter input sample rate. For example, if
the sample rate into the filter is 25 MHz, then the alias-
protected bandwidth of the HB2 filter is 8.25 MHz (33% of
25 MHz). If the bandwidth of the required carrier is greater
than 8.25 MHz, then HB2 might not be useful.
FRACTION OF HB2 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.01
–19.99
–29.99
–9.99
–39.99
–49.99
–60.00
–70.00
–80.00
–90.00
–100.00
–110.00
–120.00
–90
0.66
0.34
FIR2 + HB2
RESPONSE
Figure 53. Composite Response of FIR2 and HB2 Filters to Their Input Rates
fHB1
is the input rate of the HB1 filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com