Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 22 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 18Page - Analog Devices AD6654BBC Datasheet HTML 19Page - Analog Devices AD6654BBC Datasheet HTML 20Page - Analog Devices AD6654BBC Datasheet HTML 21Page - Analog Devices AD6654BBC Datasheet HTML 22Page - Analog Devices AD6654BBC Datasheet HTML 23Page - Analog Devices AD6654BBC Datasheet HTML 24Page - Analog Devices AD6654BBC Datasheet HTML 25Page - Analog Devices AD6654BBC Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
AD6654
Rev. 0 | Page 22 of 88
TYPICAL PERFORMANCE CHARACTERISTICS
76
70
10
AIN FREQUENCY (MHz)
75
74
73
72
71
30
50
70
90
110
130
150
170
190
–25
°C
+25
°C
+85
°C
ENCODE = 92.16MSPS
AIN = –1dBFS
Figure 19. ADC Noise vs. Analog Frequency (46.08 MHz BW)
120
0
0
–90
ANALOG INPUT POWER LEVEL (dBFS)
110
100
90
80
70
60
50
40
30
20
10
–80
–70
–60
–50
–40
–30
–20
–10
dBFS
dBc
SFDR = 90dB
REFERENCE LINE
ENCODE = 92.16MSPS
AIN = 37.7MHz
TEMPERATURE = 25
°C
Figure 20. Single Tone SFDR at 37.7 MHz
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
AIN = –1dBFS
SNR = 89dB (1.25MHz BW)
32k FFT
Figure 21. CDMA Single Tone AIN = 70 MHz; ENC = 92.16 MSPS
105
60
ANALOG INPUT FREQUENCY (MHz)
100
95
90
85
80
75
70
65
WORST OTHER SPUR
HARMONICS
(SECOND, THIRD)
20
0
40
60
80
100
120
140
160
180
200
ENCODE = 92.16MSPS
AIN = –1dBFS
TEMPERATURE = 25
°C
Figure 22. Harmonics vs. Analog Frequency (IF)
110
0
0
–90
ANALOG INPUT POWER LEVEL (dBFS)
100
90
80
70
60
50
40
30
20
10
–80
–70
–60
–50
–40
–30
–20
–10
dBFS
dBc
SFDR = 90dB
REFERENCE LINE
ENCODE = 92.16MSPS
AIN = 70MHz
TEMPERATURE = 25
°C
Figure 23. Single Tone SFDR at 70 MHz
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
32k FFT
Figure 24. CDMA Carrier AIN = 70 MHz; ENC = 92.16 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com