Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 59 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 59 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 55Page - Analog Devices AD6654BBC Datasheet HTML 56Page - Analog Devices AD6654BBC Datasheet HTML 57Page - Analog Devices AD6654BBC Datasheet HTML 58Page - Analog Devices AD6654BBC Datasheet HTML 59Page - Analog Devices AD6654BBC Datasheet HTML 60Page - Analog Devices AD6654BBC Datasheet HTML 61Page - Analog Devices AD6654BBC Datasheet HTML 62Page - Analog Devices AD6654BBC Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
AD6654
Rev. 0 | Page 59 of 88
count reaches 1, the new frequency and/or phase offset is
loaded into the NCO.
Note: When using SPI or SPORT for programming these
registers, the last step in the above procedure needs to be
repeated, that is, the soft synchronization register needs to be
written twice.
Hop with Pin Sync
Four sync pins (SYNC0, SYNC1, SYNC2, and SYNC3) provide
very accurate synchronization among channels. Each channel
can be programmed to look at any of the four sync pins.
To control the hop of channel NCO frequencies:
1.
Write the NCO frequency register(s) or phase offset
register(s) to the new value.
2.
Write the NCO frequency hold-off counter(s) to the
appropriate value (greater than 0 and less than 216).
3.
Program the channel NCO control registers to monitor
the appropriate SYNC pins.
4.
Write the hop synchronization enable bit and SYNC pin
enable bits high in the pin synchronization configuration
register. This enables the countdown of the frequency
hold-off counter. When the count reaches 1, the new
frequency and/or phase offset is loaded into the NCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com