Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 1 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 1 Page - Analog Devices

  AD6654BBC Datasheet HTML 1Page - Analog Devices AD6654BBC Datasheet HTML 2Page - Analog Devices AD6654BBC Datasheet HTML 3Page - Analog Devices AD6654BBC Datasheet HTML 4Page - Analog Devices AD6654BBC Datasheet HTML 5Page - Analog Devices AD6654BBC Datasheet HTML 6Page - Analog Devices AD6654BBC Datasheet HTML 7Page - Analog Devices AD6654BBC Datasheet HTML 8Page - Analog Devices AD6654BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
14-Bit, 92.16 MSPS, 4-/6-Channel
Wideband IF to Baseband Receiver
AD6654
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 90 dB in 1.25 MHz bandwidth to Nyquist
SNR = 87 dB in 1.25 MHz bandwidth to 200 MHz
Integrated 14-bit, 92.16 MSPS ADC
IF sampling frequencies to 200 MHz
Internal 2.4 V reference, 2.2 V p-p analog input range
Internal differential track-and-hold analog input
Processes 4/6 wideband carriers simultaneously
Fractional clock multiplier to 200 MHz
Programmable decimating FIR filters, interpolating
half-band filters and programmable AGC loops
with 96 dB range
Three 16-bit configurable parallel output ports
User-configurable built-in self-test (BIST) capability
8-/16-bit microport and SPORT/SPI® serial port control
APPLICATIONS
Multicarrier, multimode digital receivers
GSM, EDGE, PHS, UMTS, WCDMA, CDMA2000,
TD-SCDMA, WiMAX
Micro and pico cell systems, software radios
Wireless local loop
Smart antenna systems
In-building wireless telephony
Broadband data applications
Instrumentation and test equipment
FUNCTIONAL BLOCK DIAGRAM
MRCF
DRCF
M = 1–16
CRCF
M = 1–16
LHB
L = 1, 2
MRCF
DRCF
M = 1–16
CRCF
M = 1–16
LHB
L = 1, 2
MRCF
DRCF
M = 1–16
CRCF
M = 1–16
LHB
L = 1, 2
MRCF
DRCF
M = 1–16
CRCF
M = 1–16
LHB
L = 1, 2
MRCF
DRCF
M = 1–16
CRCF
M = 1–16
LHB
L = 1, 2
MRCF
DRCF
M = 1–16
CRCF
M = 1–16
LHB
L = 1, 2
NCO
CIC5
M = 1–32
FIR1
HB1
M = BYP, 2
FIR2
HB2
M = BYP, 2
NCO
CIC5
M = 1–32
FIR1
HB1
M = BYP, 2
FIR2
HB2
M = BYP, 2
NCO
CIC5
M = 1–32
FIR1
HB1
M = BYP, 2
FIR2
HB2
M = BYP, 2
NCO
CIC5
M = 1–32
FIR1
HB1
M = BYP, 2
FIR2
HB2
M = BYP, 2
NCO
CIC5
M = 1–32
FIR1
HB1
M = BYP, 2
FIR2
HB2
M = BYP, 2
NCO
CIC5
M = 1–32
FIR1
HB1
M = BYP, 2
FIR2
HB2
M = BYP, 2
AGC
PA
PB
PC
INPUT
MATRIX
AVDD, DRVDD,
VDDCORE, VDDIO, GND
SYNC
0, 1, 2, 3
8-BIT/16-BIT MICROPORT
INTERFACE
SPORT/
SPI INTERFACE
PEAK/
RMS
MSMT
EXP
BITS
PRN
GEN
SHA
AIN+
AIN–
INTERNAL
TIMING
ENC+
ENC–
ADC
VREF
2.4V
VREF
OVR
(ADC OVERRANGE)
EXP
(VGA LEVEL CONTROL)
M = DECIMATION
L = INTERPOLATION
(AVAILABLE IN
6-CHANNEL MODEL ONLY)
4-CHANNEL AND 6-CHANNEL DIGITAL DOWN CONVERTER
CLOCK
MULTIPLIER
14-BIT ADC FRONT END
14
3
Figure 1.


Similar Part No. - AD6654BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
More results

Similar Description - AD6654BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6652 AD-AD6652 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
7/04-Revision 0
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Linear Technology
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
14-Bit Dual-Channel IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
16-Bit IF/Baseband Receiver Subsystem
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Analog Devices
AD6652 AD-AD6652_15 Datasheet
1Mb / 76P
12-Bit, 65 MSPS IF to Baseband Diversity Receiver
REV. 0
AD6654 AD-AD6654_15 Datasheet
1Mb / 88P
14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
REV. 0
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com