Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 20 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 16Page - Analog Devices AD6654BBC Datasheet HTML 17Page - Analog Devices AD6654BBC Datasheet HTML 18Page - Analog Devices AD6654BBC Datasheet HTML 19Page - Analog Devices AD6654BBC Datasheet HTML 20Page - Analog Devices AD6654BBC Datasheet HTML 21Page - Analog Devices AD6654BBC Datasheet HTML 22Page - Analog Devices AD6654BBC Datasheet HTML 23Page - Analog Devices AD6654BBC Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
AD6654
Rev. 0 | Page 20 of 88
Name
Type
Pin Number
Function
DDC INPUTS
CLK
Input
A11
DDC Clock Input.
SYNC0
Input
T10
Synchronization Input 0. SYNC pins are independent of channels.
SYNC1
Input
R11
Synchronization Input 1.
SYNC2
Input
P11
Synchronization Input 2.
SYNC3
Input
T11
Synchronization Input 3.
DDC OUTPUTS
EXPC [2:0]
Output
D11, C11, B11
External VGA Gain Control Bits. GND all pins if not used.
DDC OUTPUT PORTS
PCLK
Bi-dir
T4
Parallel Output Port Clock. PCLK is bi-directional: master mode = output, slave mode = input.
PADATA[15:0]
Output
See
Table 12
Parallel Output Port A Data Bus.
PACH[2:0]
Output
D8, R5, C8
Channel Indicator Output Port A.
PAIQ
Output
A8
Parallel Port A I/Q Data Indicator. Logic 1 indicates I data on data bus.
PAGAIN
Output
A9
Parallel Port A Gain Word Output Indicator. Logic 1 indicates gain word on data bus.
PAACK
Input
B8
Parallel Port A Acknowledge (Active High).
PAREQ
Output
N6
Parallel Port A Request (Active High).
PBDATA[15:0]
Output
See
Table 12
Parallel Output Port B Data Bus.
PBCH[2:0]
Output
P10, P8, R8
Channel Indicator Output Port B.
PBIQ
Output
T7
Parallel Port B I/Q Data Indicator. Logic 1 indicates I data on data bus.
PBGAIN
Output
R10
Parallel Port B Gain Word Output Indicator. Logic 1 indicates gain word on data bus.
PBACK
Input
P9
Parallel Port B Acknowledge (Active High).
PBREQ
Output
N8
Parallel Port B Request (Active High)
PCDATA[15:0]
Output
See
Table 12
Parallel Output Port C Data Bus.
PCCH[2:0]
Output
M5, A6, R1
Channel Indicator Output Port C.
PCIQ
Output
P1
Parallel Port C I/Q Data Indicator. Logic 1 indicates I data on data bus.
PCGAIN
Output
R2
Parallel Port C Gain word Output Indicator. Logic 1 indicates gain word on data bus.
PCACK
Input
E5
Parallel Port C Acknowledge (Active High).
PCREQ
Output
P2
Parallel Port C Request (Active High).
MICROPORT CONTROL
D[15:0]
Bi-Dir
See
Table 12
Bidirectional Microport Data. This bus is three-stated when CS is high.
A[7:0]
Input
See
Table 12
Microport Address Bus.
DS (RD)
Input
B4
Active Low Data Strobe, MODE = 1. Active low read strobe when MODE = 0.
DTACK (RDY)1
Output
C3
Active Low Data Acknowledge, MODE = 1. Microport status pin when MODE = 0. Terminate
to VDDIO through external 1 kΩ pull-up resistor.
R/W (WR)
Input
C4
Read/Write Strobe, MODE = 1. Active low write strobe when MODE = 0.
MODE
Input
C2
Mode Select. Logic 0 = Intel® mode, Logic 1 = Motorola mode.
CS
Input
D3
Active Low Chip Select. Logic 1 three-states the microport data bus.
CPUCLK
Input
A4
Microport CLK Input. (Input only.)
CHIPID[3:0]
Input
C1, E1, B3, B2
Chip ID Input Pins.
SERIAL PORT CONTROL
SCLK
Input
A4
Serial Clock. Should have a rise/fall time of 3ns max.
SDO1
Output
C3
Serial Port Data Output. Terminate to VDDIO through external 1 kΩ pull-up resistor.
SDI2
Input
K3
Serial Port Data Input.
STFS
Input
C4
Serial Transmit Frame Sync.
SRFS
Input
B4
Serial Receive Frame Sync.
SCS
Input
D3
Serial Chip Select.
MSB_FIRST
Input
D2
Most Significant Bit_First. Selects MSB_FIRST into SDI pin, and MSB_FIRST out of SDO pin.
Logic 1 = MSB_FIRST; Logic 0 = LSB_FIRST
SMODE
Input
F1
Serial Mode Select.
MISC PINS
DNC
-------
B12, T9
Do Not Connect.
IRP1
Output
E2
Interrupt Pin (Active Low). Terminate to VDDIO through external 1 kΩ pull-up resistor.
RESET
Input
F4
Master Reset, Active Low.
EXT_FILTER
Input
D1
PLL Loop Filter (Analog Pin). Connect to VDDCORE through series 250 Ω and 0.01 µF
capacitor.
1 Pins with internal pull-up resistor of nominal 70 kΩ.
2 Pins with internal pull-down resistor of nominal 70 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com