Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 29 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 25Page - Analog Devices AD6654BBC Datasheet HTML 26Page - Analog Devices AD6654BBC Datasheet HTML 27Page - Analog Devices AD6654BBC Datasheet HTML 28Page - Analog Devices AD6654BBC Datasheet HTML 29Page - Analog Devices AD6654BBC Datasheet HTML 30Page - Analog Devices AD6654BBC Datasheet HTML 31Page - Analog Devices AD6654BBC Datasheet HTML 32Page - Analog Devices AD6654BBC Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
AD6654
Rev. 0 | Page 29 of 88
BALANCE
50
Ω
SOURCE
25
Ω
100nF
25
Ω
100nF
AD8351
INHI
INLO
RG
OPHI
OPLO
VOCM
25
Ω
25
Ω
DIGITAL
OUT
AD6654
AIN+
AIN–
VREF
100nF
Figure 40. ADC Driving Application Using Differential Input
SINGLE-
ENDED
50
Ω
SOURCE
R1
25
Ω
100nF
25
Ω
100nF
AD8351
INHI
INLO
RG
OPHI
OPLO
VOCM
25
Ω
25
Ω
DIGITAL
OUT
AD6654
AIN+
AIN–
VREF
100nF
RF
Figure 41. ADC Driving Application Using Single-Ended Input
DDC CONFIGURATION NOTES
PLL Clock Multiplier
In the AD6654, the input clock rate must be the same as the
input data rate. In a typical digital down-converter architecture,
the clock rate is a limitation on the number of filter taps that
can be calculated in the programmable RAM coefficient filters
(MRCF, DRCF, and CRCF). For slower ADC clock rates (or for
any clock rate), this limitation can be overcome by using a PLL
clock multiplier to provide a higher clock rate to the RCF filters.
Using this clock multiplier, the internal signal processing clock
rate can be increased up to 200 MHz. The CLK signal is used as
an input to the PLL clock multiplier.
CLK
PLL_CLK
ADC_CLK
DIVIDE BY N
(1, 2, 4 OR 8)
PLL CLOCK
MULTIPLIER
(4x TO 20x)
PLL CLOCK GENERATION
BYPASS_PLL
1 FOR BYPASS
NM
2
5
0
1
1
0
Figure 42. PLL Clock Generation
The PLL clock multiplier is programmable and uses the input
clock rates between 30 MHz and 92.16 MHz to give a system
clock rate (output) of as high as 200 MHz.
The output clock rate is given by
N
M
CLK
CLK
PLL
×
=
_
where:
CLK
is the input port clock rate.
M
is a 5-bit programmable multiplication factor.
N
is a predivide factor and can be 1, 2, 4, or 8.
M
is a 5-bit number between 4 and 20 (inclusive).
The multiplication factor, M, is programmed using a 5-bit PLL
clock multiplier word in the ADC clock control register. A value
outside the valid range of 4 to 20 bypasses the PLL clock
multiplier and, therefore, the PLL clock is the same as the input
clock. The predivide factor, N, is programmed using a 2-bit
ADC pre-PLL clock divider word in the ADC clock control
register, as listed in Table 13.
Table 13. PLL Clock Generation Predivider Control
Predivide Word [1:0]
Divide-By Value for the Clock
00
Divide-by-1, bypass
01
Divide-by-2
10
Divide-by-4
11
Divide-by-8
For best signal processing advantage, the user should program
the clock multiplier to give a system clock output as close as
possible to, but not exceeding, 200 MHz. The internal blocks of
the AD6654 that run off the PLL clock are rated to run at a
maximum of 200 MHz. The default power-up state for the PLL
clock multiplier is the bypass state, where CLK is passed on as
the PLL clock.
ADC Gain Control
The DDC input port has individual, high speed gain control
logic circuitry. Such gain control circuitry is useful in applica-
tions that involve large dynamic-range inputs. The AD6654 gain
control logic allows programmable upper and lower thresholds
and a programmable dwell-time counter for temporal
hysteresis.
The DDC input port has a 3-bit output from the gain control
block. The operation is controlled by the gain control enable bit
in the gain control register of the DDC input port. Logic 1 in
this bit programs the EXP[2:0] pins as gain control outputs.
Function
The gain control block features a programmable upper thresh-
old register and a lower threshold register. The ADC input data
is compared to both these registers. If ADC input data is larger
than the upper threshold register, then the gain control output
is decremented by 1. If the ADC input data is smaller than the
lower threshold register, then the gain control output is incre-
mented by 1.
When decrementing the gain control output, the change is
immediate. But when incrementing the output, a dwell-time
register is used to delay the change. If the ADC input is larger
than the upper threshold register value, the gain control output
is immediately decremented to prevent overflow.
When the ADC input is lower than the lower threshold register,
a dwell timer is loaded with the value in the programmable
20-bit dwell-time register. The counter decrements once every



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com