Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 27 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 23Page - Analog Devices AD6654BBC Datasheet HTML 24Page - Analog Devices AD6654BBC Datasheet HTML 25Page - Analog Devices AD6654BBC Datasheet HTML 26Page - Analog Devices AD6654BBC Datasheet HTML 27Page - Analog Devices AD6654BBC Datasheet HTML 28Page - Analog Devices AD6654BBC Datasheet HTML 29Page - Analog Devices AD6654BBC Datasheet HTML 30Page - Analog Devices AD6654BBC Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
AD6654
Rev. 0 | Page 27 of 88
THEORY OF OPERATION
ADC ARCHITECTURE
The AD6654 analog-to-digital converter (ADC) front end
employs a 3-stage subrange architecture. This design approach
achieves the required accuracy and speed, while maintaining
low power consumption.
The AD6654 front end has complementary analog input pins,
AIN+ and AIN−, as shown in Figure 1. Each analog input is
centered at 2.4 V and should swing ±0.55 V around this
reference (see Figure 36). Because AIN+ and AIN− are 180°
out of phase, the differential full-scale analog input signal is
2.2 V p-p.
Both analog inputs are buffered prior to the first track-and-
hold, TH1. The high state of the ENCODE pulse places TH1 in
hold mode. The held value of TH1 is applied to the input of a
5-bit coarse ADC1. The digital output of ADC1 drives a 5-bit
digital-to-analog converter, DAC1. DAC1 requires 14 bits of
precision that is achieved through laser trimming.
The output of DAC1 is subtracted from the delayed analog
signal at the input of TH3 to generate a first residue signal. TH2
provides an analog pipeline delay to compensate for the digital
delay of ADC1.
The first residue signal is applied to a second conversion stage
consisting of a 5-bit ADC2, 5-bit DAC2, and pipeline TH4. The
second DAC requires 10 bits of precision, which is met by the
process with no trim. The input to TH5 is a second residue
signal generated by subtracting the quantized output of DAC2
from the first residue signal held by TH4. TH5 drives a final
6-bit ADC3.
The digital outputs from ADC1, ADC2, and ADC3 are added
together and corrected in the digital error correction logic to
generate the final output data. The latency of the ADC core is
four CLK cycles. The resulting 14-bit ADC data is internally
routed directly to the integrated DDC for processing by the
4/6 independent DDC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com