Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 19 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 15Page - Analog Devices AD6654BBC Datasheet HTML 16Page - Analog Devices AD6654BBC Datasheet HTML 17Page - Analog Devices AD6654BBC Datasheet HTML 18Page - Analog Devices AD6654BBC Datasheet HTML 19Page - Analog Devices AD6654BBC Datasheet HTML 20Page - Analog Devices AD6654BBC Datasheet HTML 21Page - Analog Devices AD6654BBC Datasheet HTML 22Page - Analog Devices AD6654BBC Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
AD6654
Rev. 0 | Page 19 of 88
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
34
5
6
78
9
10
11
12
13
14
15
16
A
DGND
D14
D12
CPUCLK
(SCLK)
PC3
PCCH1
PA12
PAIQ
PAGAIN
PB6
CLK
OVR
AVDD
AVDD
AGND
AGND
A
B
D7
CHIPID3
CHIPID2
DS
(RD,
SRFS)
PC5
PA5
PA15
PAACK
PB2
PB4
EXPC2
DNC
AVDD
AVDD
AGND
AGND
B
C
CHIPID0
MODE
DTACK
(RDY,
SDO)
R/W
(WR,
STFS)
PC0
PA3
PA9
PACH2
PB9
EXPC1
AVDD
AVDD
AVDD
AGND
AGND
C
D
EXT_
FILTER
MSB_
FIRST
CS
(SCS)
PC6
PC2
PA1
PA7
PACH0
PB15
EXPC0
DRVDD
AVDD
AVDD
AGND
AGND
D
E
CHIPID1
IRP
VDDIO
VDD
CORE
PCACK
VDD
CORE
VDD
CORE
VDD
CORE
VDDIO
VDDIO
DRVDD
AVDD
AVDD
AGND
AGND
E
F
SMODE
D13
D15
RESET
D1
VDD
CORE
VDD
CORE
VDD
CORE
VDDIO
VDDIO
DRVDD
AVDD
AVDD
AGND
C2
F
G
DGND
D8
D9
D2
D5
DGND
DGND
DGND
DGND
DGND
DGND
DRVDD
AVDD
AVDD
AGND
AGND
G
H
D3
D11
D4
D10
A6
DGND
DGND
DGND
DGND
DGND
DGND
DRVDD
AVDD
AVDD
AGND
C1
H
J
DGND
D6
D0
A7
A1
DGND
DGND
DGND
DGND
DGND
DGND
DRVDD
AVDD
AVDD
AGND
AGND
J
K
A5
A0 (SDI)
A2
PC8
DGND
DGND
DGND
DGND
DGND
DGND
DRVDD
AVDD
AVDD
AGND
AGND
K
L
A3
PC11
PC15
PC10
VDDIO
VDDIO
VDDIO
VDD
CORE
VDD
CORE
VDD
CORE
DRVDD
AVDD
AVDD
AGND
AIN
–
L
M
PC14
PC13
PC9
PC7
PCCH0
VDDIO
VDDIO
VDDIO
VDD
CORE
VDD
CORE
VDD
CORE
DRVDD
AVDD
AVDD
AGND
AIN+
M
N
PC1
PC4
PA13
PA8
PA0
PAREQ
PB1
PBREQ
DGND
DGND
DGND
DRVDD
AVDD
AVDD
AGND
AGND
N
P
PCIQ
PCREQ
PA14
PA10
PB10
PB7
PB8
PBCH1
PBACK
PBCH0
SYNC2
DRVDD
AVDD
AVDD
AGND
AGND
P
R
PCCH2
PCGAIN
PA6
PA2
PACH1
PB13
PB11
PBCH2
PB14
PBGAIN
SYNC1
DRVDD
AGND
AGND
AGND
ENC
–
R
T
DGND
PA11
PA4
PCLK
PB5
PB12
PBIQ
DGND
DNC
SYNC0
SYNC3
DR
AGND
VREF
AGND
ENC+
T
12
34
5
6
78
9
10
11
12
13
14
15
16
A4
PC12
PB3
PB0
VDDIO
VDDIO
DNC = DO NOT CONNECT
Figure 18. 256 BGA Configuration (Top View)
Table 11. Pin Function Descriptions
Name
Type
Pin Number
Function
POWER SUPPLY
AVDD
Power
See
Table 12
5 V Analog ADC Core Supply.
DRVDD
Power
See
Table 12
3.3 V ADC Output Driver Supply.
VDDCORE
Power
See
Table 12
1.8 V Digital DDC Core Supply.
VDDIO
Power
See
Table 12
3.3 V Digital DDC I/O Supply.
DGND
Ground
See
Table 12
Digital Core and I/O Ground.
AGND
Ground
See
Table 12
Analog ADC Ground.
ADC INPUTS
AIN+
Input
M16
Differential Analog Input.
AIN−
Input
L16
Differential Analog Input.
ENC+
Input
T16
Differential Encode Input. Conversion initiated on rising edge.
ENC−
Input
R16
Differential Encode Input.
ADC OUTPUTS
DR
Output
T12
Data Ready. Inverted and delayed representation of ENC+ used for driving the DDC CLK
input.
OVR
Output
A12
Overange Bit. A logic high indicates analog input exceeds ±FS.
VREF
Output
T14
2.4 V Fixed Internal Voltage Reference. Bypass to AGND with 0.1 µF chip capacitor.
C1
Output
H16
Compensation Pin for ADC Voltage Reference. Bypass to AGND with 0.1 µF chip capacitor.
C2
Output
F16
Compensation Pin for ADC Voltage Reference. Bypass to AGND with 0.1 µF chip capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com