Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 6 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 2Page - Analog Devices AD6654BBC Datasheet HTML 3Page - Analog Devices AD6654BBC Datasheet HTML 4Page - Analog Devices AD6654BBC Datasheet HTML 5Page - Analog Devices AD6654BBC Datasheet HTML 6Page - Analog Devices AD6654BBC Datasheet HTML 7Page - Analog Devices AD6654BBC Datasheet HTML 8Page - Analog Devices AD6654BBC Datasheet HTML 9Page - Analog Devices AD6654BBC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
AD6654
Rev. 0 | Page 6 of 88
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Table 1.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
AVDD1
Full
IV
4.75
5.0
5.25
V
DRVDD2
Full
IV
3.0
3.3
3.6
V
VDDCORE
Full
IV
1.65
1.8
1.95
V
VDDIO2
Full
IV
3.0
3.3
3.6
V
TAMBIENT
IV
−25
+25
+85
°C
1 Specified for dc supplies with linear rise-time <250 ms.
2 DRVDD and VDDIO can be operated from the same supply.
ADC DC SPECIFICATIONS
AVDD = 5.0 V, DRVDD = 3.3 V, VDDCORE = 1.8 V, VDDIO = 3.3 V, maximum rated sample rate, differential ENC and AIN, unless
otherwise noted.
Table 2.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
Full
IV
14
Bits
INTERNAL VOLTAGE REFERENCE (VREF)1
Output Voltage
Full
IV
2.4
V
ANALOG INPUTS
Differential Input Voltage Range
Full
IV
2.2
V p-p
Differential Input Capacitance
Full
V
1.5
pF
Differential Input Resistance
Full
V
1
kΩ
Power Supply Rejection (PSRR)
25°C
V
±1.0
mV/V
1 VREF is provided for setting the common-mode offset of a differential amplifier such as the AD8138 when a dc-coupled analog input is required. VREF should be buffered
if used to drive additional circuit functions.
ADC DIGITAL SPECIFICATIONS
AVDD = 5.0 V, DRVDD = 3.3 V, VDDCORE = 1.8 V, VDDIO = 3.3 V, maximum rated sample rate, differential ADC input, unless
otherwise noted.
Table 3.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
ENCODE INPUTS (ENC+, ENC−)
Differential Input Voltage
Full
IV
0.4
V p-p
Differential Input Resistance
25°C
V
10
kΩ
Differential Input Capacitance
25°C
V
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com