Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 7 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 3Page - Analog Devices AD6654BBC Datasheet HTML 4Page - Analog Devices AD6654BBC Datasheet HTML 5Page - Analog Devices AD6654BBC Datasheet HTML 6Page - Analog Devices AD6654BBC Datasheet HTML 7Page - Analog Devices AD6654BBC Datasheet HTML 8Page - Analog Devices AD6654BBC Datasheet HTML 9Page - Analog Devices AD6654BBC Datasheet HTML 10Page - Analog Devices AD6654BBC Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
AD6654
Rev. 0 | Page 7 of 88
ADC SWITCHING SPECIFICATIONS
AVDD = 5.0 V, DRVDD = 3.3 V, VDDCORE = 1.8 V, VDDIO = 3.3 V, maximum rated sample rate, differential input, unless
otherwise noted.
Table 4.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
II
92.16
MSPS
Minimum Conversion Rate
Full
IV
30
MSPS
ENC Pulse Width High1 (tENCH)
Full
IV
5.154
5.425
ns
ENC Pulse Width Low1 (tENCL)
Full
IV
5.154
5.425
ns
1 Several internal timing parameters are a function of t
ENCL
and tENCH, optimum performance will be achieved with 50/50 duty cycle.
ADC AC SPECIFICATIONS
AVDD = 5.0 V, DRVDD = 3.3 V, VDDCORE = 1.8 V, VDDIO = 3.3 V, maximum rated sample rate, differential input, unless
otherwise noted.
Table 5.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO1 (WITHOUT HARMONICS)
Analog Input Frequency 37 MHz
ADC (46.08 MHz BW)
25°C
V
74.5
dB
CDMA (1.25 MHz BW)
Full
II
88
90.0
dB
WCDMA (5.0 MHz BW)
25°C
V
84
dB
Analog Input Frequency 70 MHz
ADC (46.08 MHz BW)
25°C
V
73.5
dB
CDMA (1.25 MHz BW)
Full
II
87.5
89
dB
WCDMA (5.0 MHz BW)
25°C
V
83
dB
Analog Input Frequency 150 MHz
ADC (46.08 MHz BW)
25°C
V
73
dB
CDMA (1.25 MHz BW)
25°C
V
88
dB
WCDMA (5.0 MHz BW)
25°C
V
82
dB
Analog Input Frequency 200 MHz
ADC (46.08 MHz BW)
25°C
V
72
dB
CDMA (1.25 MHz BW)
25°C
V
87
dB
WCDMA (5.0 MHz BW)
25°C
V
81
dB
WORST HARMONIC2 (ANALOG INPUT @ −1 dBFS)
37 MHz
Full
II
85
93
dBc
70 MHz
Full
V
91
dBc
150 MHz
Full
V
71
dBc
200 MHz
Full
V
63
dBc
INTERMODULATION DISTORTION (TWO-TONES SEPARATED BY 1 MHz)3
Analog Input = 55/56 MHz
25°C
V
90
dBc
ANALOG INPUT BANDWIDTH
25°C
V
270
MHz
1 Analog input = −1 dB below full scale.
2 Includes Harmonic 2 through Harmonic 6.
3 Analog input = each −7 dB below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com