Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 74 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 74 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 70Page - Analog Devices AD6654BBC Datasheet HTML 71Page - Analog Devices AD6654BBC Datasheet HTML 72Page - Analog Devices AD6654BBC Datasheet HTML 73Page - Analog Devices AD6654BBC Datasheet HTML 74Page - Analog Devices AD6654BBC Datasheet HTML 75Page - Analog Devices AD6654BBC Datasheet HTML 76Page - Analog Devices AD6654BBC Datasheet HTML 77Page - Analog Devices AD6654BBC Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
AD6654
Rev. 0 | Page 74 of 88
GLOBAL REGISTER MAP
Chip I/O Access Control Register <7:0>
<7>: Synchronous Microport Bit. When this bit is set, the
microport assumes that its control signals (such as R/W, DS,
and CS,) are synchronous to the CPUCLK. When cleared,
asynchronous control signals are assumed, and the microport
control signals are resynchronized with CPUCLK inside the
AD6654 part. Synchronous microport (when bit is set) has the
advantage of requiring a fewer number of clock cycles for
read/write access.
<6>: This bit is open.
<5:2>: Chip ID Bits. The chip ID bits are used to compare
against the chip ID input pins (CHIPID), enabling or disabling
I/O access for this specific chip. When more than one AD6654
part is sharing the microport, different CHIPID pins can be
used to differentiate among the parts. A particular part gives
I/O access only when the CHIPID pins have the same value as
these chip ID bits.
<1>: This bit is open.
<0>: Byte Mode Bit. The byte mode bit selects the bit width for
the microport operation. Table 29 shows details.
Table 29. Microport Data Bus Width Selection
Chip Access Control
Register <0>
Microport Data Bus Bit Width
0 (default)
8-bit mode, using D <7:0>
1
16-bit mode, using D <15:0>
Channel I/O Access Control Register <5:0>
These bits enable/disable the channel I/O access capability.
<5>: Channel 5 Access Bit. When the Channel 5 access bit is set
to Logic 1, any I/O write operation (from either the microport
or the serial port) that addresses a register located within the
channel register map updates the Channel 5 registers. Similarly,
for a read operation, the contents of the desired address in the
channel register map are output when this bit is set to Logic 1.
<4>: Channel 4 Access Bit. Similar to Bit <5> for Channel 4.
<3>: Channel 3 Access Bit. Similar to Bit <5> for Channel 3.
<2>: Channel 2 Access Bit. Similar to Bit <5> for Channel 2.
<1>: Channel 1 Access Bit. Similar to Bit <5> for Channel 1.
<0>: Channel 0 Access Bit. Similar to Bit <5> for Channel 0.
Note: If the access bits are set for more than one channel, during
write access all channels with access are written with the same
data. This is especially useful when more than one channel has
similar configurations. During a read operation, if more than
one channel has access, the read access is given to the channel
with the lowest channel number.
For example, if both Channel 4 and Channel 2 have access bits
set, then read access is given to Channel 2.
Channel Enable Register <5:0>
<5>: Channel 5 Enable Bit. When this bit is set, Channel 5 logic
is enabled. When this bit is cleared, Channel 5 is disabled and
the channel’s logic does not consume any power. On power-up,
this bit comes up with Logic 0 and the channel is disabled. A
start sync does not start Channel 5, unless this bit is set before
issuing the start sync.
<4>: Channel 4 Enable Bit. Similar to Bit <5> for Channel 4.
<3>: Channel 3 Enable Bit. Similar to Bit <5> for Channel 3.
<2>: Channel 2 Enable Bit. Similar to Bit <5> for Channel 2.
<1>: Channel 1 Enable Bit. Similar to Bit <5> for Channel 1.
<0>: Channel 0 Enable Bit. Similar to Bit <5> for Channel 0.
Pin Synchronization Configuration <7:0>
<7>: Hop Synchronization Enable Bit. This bit is a global enable
for any hop synchronization involving SYNC pins. When this
bit is set, hop synchronization is enabled for all channels that
are programmed for pin synchronization. When this bit is
cleared, hop synchronization is not performed for any channel
that is programmed for pin synchronization.
<6>: Start Synchronization Enable Bit. This bit is a global enable
for any start synchronization involving SYNC pins. When this
bit is set, start synchronization is enabled for all channels that
are programmed for pin synchronization. When this bit is
cleared, start synchronization is not performed for any channel
that is programmed for pin synchronization.
<5>: First Sync Only Bit. When this bit is set, the NCO synchro-
nization logic recognizes only the first synchronization event as
valid. All other requests for synchronization events are ignored
as long as this bit is set. When cleared, all synchronization
events are acted upon.
<4>: Edge-Sensitivity Bit. When this bit is set, the rising edge on
the SYNC pin(s) is detected as a synchronization event (edge-
sensitive detection). When cleared, Logic 1 on the SYNC pin(s)
is detected as a synchronization event (level-sensitive
detection).
<3>: Enable Synchronization from SYNC3 Bit. When this bit is
set, the SYNC3 pin can be used for synchronization. When this
bit is cleared, the SYNC3 pin is ignored. This is a global enable
for all SYNC pins, and each individual channel selects which
pin it listens to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com