Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBC Datasheet(PDF) 8 Page - Analog Devices

Part # AD6654BBC
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBC Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6654BBC Datasheet HTML 4Page - Analog Devices AD6654BBC Datasheet HTML 5Page - Analog Devices AD6654BBC Datasheet HTML 6Page - Analog Devices AD6654BBC Datasheet HTML 7Page - Analog Devices AD6654BBC Datasheet HTML 8Page - Analog Devices AD6654BBC Datasheet HTML 9Page - Analog Devices AD6654BBC Datasheet HTML 10Page - Analog Devices AD6654BBC Datasheet HTML 11Page - Analog Devices AD6654BBC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
AD6654
Rev. 0 | Page 8 of 88
ELECTRICAL CHARACTERISTICS
AVDD = 5.0 V, DRVDD = 3.3 V, VDDCORE = 1.8 V, VDDIO = 3.3 V, maximum rated sample rate, differential input, unless
otherwise noted.
Table 6.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS (NOT 5 V TOLERANT)
Logic Compatibility
Full
IV
3.3 V CMOS
Logic 1 Voltage
Full
IV
2.0
3.6
V
Logic 0 Voltage
Full
IV
−0.3
+0.8
V
Logic 1 Current
Full
IV
1
10
µA
Logic 0 Current
Full
IV
1
10
µA
Logic 1 Current (Inputs With Pull-Down)
Full
IV
Logic 0 Current (Inputs With Pull-Up)
Full
IV
Input Capacitance
25°C
V
4
pF
LOGIC OUTPUTS
Logic Compatibility
Full
IV
3.3 V CMOS
Logic 1 Voltage (IOH = 0.25 mA)
Full
IV
2.4
VDDIO − 0.2
V
Logic 0 Voltage (IOL = 0.25 mA)
Full
IV
0.2
0.4
V
SUPPLY CURRENTS
WCDMA (92.16 MSPS) EXAMPLE1
IAVDD
25°C
V
275
mA
IDRVDD
25°C
V
32
mA
IVDD
25°C
V
460
mA
IVDDIO
25°C
V
60
mA
CDMA2000 (92.16 MSPS) EXAMPLE1
IAVDD
25°C
V
275
mA
IDRVDD
25°C
V
32
mA
IVDD
25°C
V
435
mA
IVDDIO
25°C
V
25
mA
TDS-CDMA (76.8 MSPS) EXAMPLE1, 2
IAVDD
25°C
V
275
mA
IDRVDD
25°C
V
32
mA
IVDD
25°C
V
250
mA
IVDDIO
25°C
V
15
mA
TOTAL POWER DISSIPATION
WCDMA (92.16 MSPS)1
25°C
V
2.5
W
CDMA2000 (92.16 MSPS)1
25°C
V
2.3
W
TDS-CDMA (76.8 MSPS)1, 2
25°C
V
2.0
W
1 ADC input port, all six DDC channels, and the relevant signal processing blocks are active.
2 PLL is turned off for power savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com