Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 39Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 40Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 41Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 42Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 43Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 44Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 45Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 46Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 168 page
background image
Chapter 1 Introduction
1-1
Chapter 1.
Introduction
1.1
Overview
The TMPR4955A (to be called “TX4955A” hereinafter) is a standard microcontroller of 64-bit
RISC Microprocessor TX49 family.
The TX4955A uses the TX49/H2 Processor Core as the CPU. The TX49/H2 Processor Core is a
64-bit RISC CPU core Toshiba developed based on the R4000 architecture of MIPS Technologies,
Inc (“MIPS”). In addition to its TX49/H2 core with Floating Point Unit (“FPU”), the TX4955A also
incorporates peripheral circuits such as SysAD Bus Interface.
R4000 is a trademark of MIPS Technologies, Inc.
1.2
Notation used in this manual
1.2.1
Numerical notation
•
Hexadecimal numbers in this manual are expressed as follows:0x2A (example shown for
decimal number 42)
•
KB (kilobyte) 210 = 1,024 bytes
MB (megabyte) 220 = 1,024
× 1,024 = 1,048,576 byte
GB (gigabyte) 230 = 1,024
× 1,024 × 1,024 = 1,073,741,824 bytes
1.2.2
Data notation
•
Byte: Eight bits
•
Half word: Two contiguous bytes (16 bits)
•
Word: Four contiguous bytes (32 bits)
•
Double word: Eight contiguous bytes (64 bits)
1.2.3
Signal notation
•
Active-low signals are indicated by adding an asterisk(*) at the end of the signal name
(Example: RESET*)
•
When a signal is driven to the active voltage level, the signal is said to be “asserted.”
When the signal is driven to an inactive voltage level, it is said to be “deasserted.”
1.2.4
Register notation
•
The following nomenclature is used for access attributes.
R:
R:
R:
R:
Read only. Cannot be written.
W:
W:
W:
W:
Write only. The bit value is undefined if read.
R/W:
R/W:
R/W:
R/W: Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com