Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 60Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 61Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 62Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 63Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 64Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 65Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 66Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 67Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
Chapter 5 Cache Organization
5-4
5.2.6
Organization of the Data Cache (D-Cache)
Each line of D-cache data has an associated 24-bit tag.
The TX4955A processor D-cache has the following characteristics:
• Cache size: 32 KB
• Four-way set associative
• FIFO replacement
• Indexed with a virtual address
• Checked with a physical tag
• Block (line) size: 8 words (32 bytes)
• Burst size: 8 words (32 bytes)
• Store buffer
• Lockable on a per-line basis (way1 ∼ way3)
• Write-back or write-through on a per-page basis
• All write-back, CS, FIFO and lock bits are cleared by a Reset exception
5.2.7
Data cache address field
Figure 5.2.5 shows the data cache address field. When 4-KB page size is used in 32KB
D-cache, the bit 12 of the Physical Address and the Virtual Address must be same value.
Cache Tag Index
(8 bits)
35
12
5
4
3
2
0
Physical Tag
(24 bits )
Word
(2 bits)
11
Byte
(3 bits)
Figure 5.2.5 Data cache address field
5.2.8
Data cache configuration
Each line in the 4 ways of the data cache share F1, F0 replacement bits. Figure 5.2.6
shows the format of replacement bits. These bits are shared by way0, way1, way2 and
way3 for 32 KB cache, and indicate next set to which replacement will be directed; when
lock bit is set to 1, indicate this set is not locked.
Each line of data cache data has an associated 28-bit tag that contains a 24-bit physical
address, a single Lock bit, a single write-back bit and a 2-bit cache state, except for the line
in way0, which has an 27-bit tag that excludes a Lock bit. Figure 5.2.7 shows the formats of
tag and data pair.
F0:
FIFO replace bit 0
F1:
FIFO replace bit 1
10
F1
F2
Figure 5.2.6 Format of replacement bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com