Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 61Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 62Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 63Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 64Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 65Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 66Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 67Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 68Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
Chapter 5 Cache Organization
5-5
L: Lock bit (1: enable, 0: disable)
W: Write-back bit (set if cache line has written)
CS: Primary cache state (0: Invalid, 1: Reserved, 2: Reserved, 3: Valid)
PTag: Physical tag (bit 35~12 of the physical address)
Data: Data cache data
23
25
26
0
24
23
63
Format for way0
00
63
0
63
63
0
25
26
27
0
24
63
Format for way1, 2 and 3
00
63
0
63
63
0
W
CS
PTag
DATA
DATA
DATA
DATA
W
CS
PTag
DATA
DATA
DATA
DATA
L
Figure 5.2.7 Format of tag and data pair for D-cache
In the TX4955A, the W (write-back) bit, not the cache state, indicates when the primary
cache contents modified data that must be written back to memory. The states Invalid and
Dirty Exclusive are used to describe the cache line. That is, there is no hardware support
for cache coherency.
5.3
Lock function
The lock function can be used to locate critical instruction/data in one instruction/data cache
set and they are not replaced when the lock bit is set.
5.3.1
Lock function
Setting the Lock bit in each line cache enable the instruction/data cache lock function.
When the lock function is enabled, the instruction/data in the valid line is locked and never
be replaced. The set to be locked is pointed by FIFO bit. Refilled instruction/data during
the lock function is enabled is locked. When a store miss occurs for the write-through data
cache without write allocate, the store data is not written to the cache and will therefore
not be locked.
The lock function is disabled by clearing the Lock bit in each line.
In order to clear or set the Lock bit in the cache, Cache instructions (Index store I-cache
/D-cache Tag) can be used, and in order to load the instruction/data to cache from memory,
another Cache instructions (Fill I-cache/D-cache) can be used (refer to Cache instruction).
Clear the lock bit as follows when data written to a locked line should be stored in main
memory.
(1) Read the locked data from cache memory
(2) Clear the lock bit
(3) Store the data that was read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com