Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 95Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
Chapter 6 TX4955A System Interface
6-20
6.2.8.9
External null request protocol
The processor only supports one external null request. The system interface release
external null request returns the system interface from the slave state to the master
state. This request does not affect any other processors.
The only processing the external null request does is to have the processor return
the system interface to the master state.
Figure 6.2.20 illustrates the timing of the external null request, which consists of
the following steps.
1. The external agent drives the system interface, sends the external null request
command to the SysCmd bus, then asserts the ValidIn* signal for 1 cycle.
2. The SysAD bus is not available during the external null request address cycle
(there are no valid data in the bus).
3. The null request ends when the address cycle is issued.
In the case of a system interface release null request, the external agent releases the
SysCmd bus and SysAD bus so the system interface can return to the master state.
Figure 6.2.20 System Interface Release External Null Request
1
2
345
6
Cycle
Master Clock
SysAD Bus
ValidOut*
Validln*
78
9
10
11
12
SysCmd Bus
Extqst*
Release*
Slave
3
2
1
Unsd
SINull
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com