Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 48Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 49Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 50Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 51Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 52Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 168 page
background image
Chapter 3 Initialization Interface
3-2
3.2
Reset Signal Description
This section describes the two reset signals, ColdReset
ColdReset
ColdReset
ColdReset* and Reset
Reset
Reset
Reset*.
•
ColdReset
ColdReset
ColdReset
ColdReset*: the ColdReset
ColdReset
ColdReset
ColdReset* signal must be asserted(Note) (low) to reset the processor.
Internal clock begins to cycle and is synchronized with the deasserted edge
(high) of ColdReset
ColdReset
ColdReset
ColdReset*. ColdReset
ColdReset
ColdReset
ColdReset* can be asserted and deasserted
asynchronously with the rising edge of MasterClock
MasterClock
MasterClock
MasterClock.
•
Reset
Reset
Reset
Reset*: the Reset
Reset
Reset
Reset* signal is asserted synchronously to initiate a warm reset. The
Reset
Reset
Reset
Reset* signal must be deasserted synchronously with MasterClock
MasterClock
MasterClock
MasterClock.
Note: Asserted means the signal is true, or in its valid state. For example, the low-active Reset*
signal is said to be asserted when it is in a low (true) state.
3.2.1
Cold Reset
A cold reset is used to completely reset the processor, including processor clocks.
Information about saving processor states is given below.
Once power to the processor is established, the ColdReset
ColdReset
ColdReset
ColdReset* signal is asserted for 64,000
MasterClock
MasterClock
MasterClock
MasterClock cycles to ensure time for the processor clocks to lock to the input MasterClock
MasterClock
MasterClock
MasterClock.
ColdReset
ColdReset
ColdReset
ColdReset* can be asserted and deasserted asynchronously with the rising edge of
MasterClock
MasterClock
MasterClock
MasterClock.
Reset
Reset
Reset
Reset* can be asserted/deasserted when ColdReset
ColdReset
ColdReset
ColdReset* is asserted, but its value must not be
changed during the reset sequence.
Upon reset, the processor becomes bus master and drives the SysAD
SysAD
SysAD
SysAD bus. After Reset
Reset
Reset
Reset* is
deasserted, the processor branches to the Reset exception vector and begins executing the
Reset exception code.
For information on the bit states during a cold reset, see the section on Cold Reset
exceptions in CPU Exception Processing.
3.2.2
Warm Reset
A warm reset is used to reset the processor without affecting the clocks; in other words, a
warm reset is a logic reset.
Asserting the Reset
Reset
Reset
Reset* signal resets the processor without disrupting the clocks and allows
the processor to retain as much of its state as possible for debugging. (For information on
saving the processor states, see the section on Soft Reset exception in CPU Exception
Processing.) Because asserting the Reset
Reset
Reset
Reset* signal results in an immediate warm reset,
multicycle instructions such as cache misses or floating-point instructions may be aborted
and some data lost as a result.
A warm reset is started by assertion of the Reset
Reset
Reset
Reset* pin. Reset
Reset
Reset
Reset* must be asserted for a
minimum of 16 cycles, and must be asserted and deasserted synchronously with
MasterClock
MasterClock
MasterClock
MasterClock. In general, data in the processor is preserved for debugging purposes.
Upon reset, the processor becomes bus master and drives the SysAD
SysAD
SysAD
SysAD bus. After Reset
Reset
Reset
Reset* is
deasserted, the processor branches to the Reset exception vector and begins executing the
reset exception code.
If Reset
Reset
Reset
Reset* is asserted in the middle of a SysAD
SysAD
SysAD
SysAD transaction, care must be taken to reset all
external agents to avoid SysAD
SysAD
SysAD
SysAD bus contention.
Figure 3.2.1 and Figure 3.2.2 show the timing diagrams for the cold and warm resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com