Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 41Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 42Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 43Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 44Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 45Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 46Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 47Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 48Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
開発中
Chapter 2 Features
2-1
Chapter 2. Features
•
TX49/H2 Processor Core
TX49/H2 Processor Core
TX49/H2 Processor Core
TX49/H2 Processor Core
TX49/H2 Processor Core is a 64-bit RISC CPU core Toshiba developed based on the
architecture of MIPS for interactive consumer applications including Printer, Network
and set-top terminals.
•
IEEE754 compatible single and double precision FPU
IEEE754 compatible single and double precision FPU
IEEE754 compatible single and double precision FPU
IEEE754 compatible single and double precision FPU
The floating-point operations fully conform to the requirements of ANSI/IEEE Standard
754-1985, IEEE Standard for Binary Floating-Point Arithmetic.
As 32 general purpose register (32 FGRs), each of which is 64 bits wide and 2 control of
FPU registers (2 FCRs), each of which is 32bit wide. All floating-point instructions, as
defined in the MIPS ISA for the floating-point coprocessor, CP1, are processed by the
other hardware unit that executes integer instruction.
•
Internal bus
Internal bus
Internal bus
Internal bus width
width
width
width iiiissss 64-bit, External bus width is 32-bit
64-bit, External bus width is 32-bit
64-bit, External bus width is 32-bit
64-bit, External bus width is 32-bit
Core and Cache are connect with 64-bit Internal bus. External bus is SysAD-bus I/F. This
interface is compatible with the TX4300, R4000, and R5000 system interfaces.
•
Power management
Power management
Power management
Power management
Internal: 1.5 V
I/O: 3.3 V
The TX49/H2 Processor support Power management mode (Halt, Doze)
•
Maximum operating frequency
Maximum operating frequency
Maximum operating frequency
Maximum operating frequency
The TX49/H2 Processor’s maximum operating frequency is 200 MHz.
The SysAD-bus I/F and TX49/H2 Processor’s maximum operating frequency is set by
External pin (DivMode (1:0)).
Ex. Core’s operating frequency is 167 MHz/200 MHz
Div Mode (1:0)
Master Clock
CPU Clock
0
41.8 MHz/50 MHz
167 MHz/200 MHz
1
66.7 MHz/80 MHz
167 MHz/200 MHz
2
83.5 MHz/100 MHz
167 MHz/200 MHz
3
55.7 MHz/66.7 MHz
167 MHz/200 MHz
•
Package
Package
Package
Package
TX4955A: 160-pin QFP
•
Part Number
Part Number
Part Number
Part Number
TMPR4955AF-167
TMPR4955AF-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com