Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 65Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 66Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 67Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 68Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 69Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 70Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 71Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 72Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 168 page
background image
Chapter 5 Cache Organization
5-9
5.9
Cache Testing
5.9.1
Cache disabling
The ICE# and DCE# bits in the Config register enable and disable the instruction and
data caches respectively.
When the cache is disabled, any attempt to access the cache causes a cache miss;
therefore, a cache refill does not occur. (A burst bus cycle does not occur, either, as is the
case with an access to a uncached memory space.) With the cache disabled, the Valid (V)
and Cache State (CS) bits for each entry remain unchanged.
Note: When the instruction cache is disabled
− All instruction fetches cause an instruction cache miss. External memory accesses
will occur as a single-read operation.
− Instruction cache operations by the CACHE instruction are valid.
Note: When the data cache is disabled
− All memory accesses by the load and store instructions cause a data cache miss. At
this time, no cache refill occurs. External memory accesses will occur as a
single-read or single-write operation.
− Data cache operations by the CACHE instruction are valid.
Note: How to disable the instruction cache reliably
− To disable the instruction cache, stop instruction streaming by following the
MTC0 instruction with a jump instruction, as shown below:
Example: MTC0 Rn, Config (Set ICE# bit.)
J
L1
(Jump to L1 and stop streaming.)
NOP
(Jump delay slot)
L1: CACHE IndexInvalidate, offset (base)
5.9.2
Cache Flushing
Both the instruction and data caches are flushed by a Cold Reset or Warm Reset
exception. i:e., all the Valid and CS bits are cleared to zeroes.
The instruction cache is also flushed by the Index Invalidate and Hit Invalidate
operations with a CACHE instruction. The data cache is flushed by the Hit Invalidate
operation with a CACHE instruction.
Data is written back to the main memory when an Index Writeback Invalidate or Hit
Writeback Invalidate operation is performed, when a Hit Writeback operation is performed,
and when a cache line is replaced. When the write-back policy is employed, it is required to
consciously maintain cache coherency when flushing the cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com