Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 95Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 96Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 97Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 168 page
background image
Chapter 6 TX4955A System Interface
6-22
6.2.8.11 Read response protocol
The external agent must use the read response protocol to return data to the
processor if a processor read request has been received. The sequence of the read
response protocol is as follows.
1. The external agent waits for the processor to automatically execute a shift into the
slave state.
2. The external agent uses either a single data cycle or a series of data cycles to
return data.
3. After issuing the final data cycle, the read response ends, then the external agent
sets the SysCmd and SysAD busses to tri-state.
4. The system interface returns to the master state.
Note: After issuing a read response, the processor automatically shifts to the slave state.
5. Data identifiers of a data cycle must indicate that the data are response data.
6. Final data cycle identifiers must contain an indication that a cycle is the final data
cycle.
In the case of read responses to non-coherent block read requests, it is not
necessary for the response data to check the initial cache state. The cache state is
automatically set to exclusively dirty.
Data identifiers of data cycles can send notification of transfer data errors in those
cycles. The external agent must return data blocks with the correct size even
when there is an error in the data. Whether there is a single error or multiple
errors in the read response data cycles, the processor processes them as bus
errors.
Read responses must always be returned to the processor when a processor read
request is being held. Processor operation is not defined if a read response was
returned in a state where there were no processor read requests on hold.
Figure 6.2.22 illustrates a processor word read request and the subsequent word
read response. Also, Figure 6.2.23 illustrates the read response to a processor block
read request when the system interface is in the slave state.
Note: The SysADC bus and SysCmdP bus timing is the same as the SysAD bus and
SysCmd timing, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com