Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 67Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 68Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 69Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 70Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 71Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 72Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 73Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 74Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 168 page
background image
Chapter 5 Cache Organization
5-11
5.10.1
Cache Write Policy
The TX4955A processor manages its data cache by using a write-back and a write-through
policy. A write-back stores write data into the cache, instead of writing it directly to
memory. Some time later this data is independently written into memory. In the TX4955A
implementation, a modified cache line is not written back to memory until the cache line is
to be replaced either in the course of satisfying a cache miss, or during the execution of a
write-back CACHE instruction.
When the processor writes a cache line back to memory, it does not ordinarily retain a
copy of the cache line, and the state of the cache line is changed to invalid.
A write-through is written simultaneously to cache and memory.
5.10.2
Data Cache Line Replacement
Since the data cache uses a write-back and a write-through methodology, a cache line
load is issued to main memory on a load or store miss, as described below. After the data
from memory is written to the data cache, the pipeline resumes execution.
TX4955A does not support “Critical Data Word First”. Always it transfer the data of first
address.
Rules for replacement on data load and data store misses are given below.
• Data Load Miss
Data Load Miss
Data Load Miss
Data Load Miss
If the missed line is not dirty, it is replaced with the requested line.
If the missed line is dirty, it is moved to the write buffer. The requested line replaces
the missed line, and the data in the write buffer is written to memory.
• Data Store Miss
Data Store Miss
Data Store Miss
Data Store Miss
If the missed line is not dirty, the requested line is merged with the store data and
written to memory.
If the missed line is dirty, it is moved to the write buffer. The requested line is
merged with the store data and written to cache, and data in the write buffer is
written to memory.
The data cache miss penalties, in number of SClock cycles, are given in Table
5.10.2.
Table 5.10.2 Data Cache Refill Penalty Cycle Count
Number of
PClock Cycles
Action
1
Stall the DC stage.
1
Transfer address to the write buffer and wait for the pipeline start signal
1
∼ 2
Transfer address to the internal SysAD bus on the SClock.
2
Transfer to the external SysAD bus.
M
Time needed to access memory, measured in PClock cycles.
4
Transfer the cache line form memory to the SysAD bus.
2
Transfer the cache line from the external bus to the internal bus.
0
Restart the DC stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com