Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 74Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 75Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 76Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 168 page
background image
Chapter 6 TX4955A System Interface
6-6
6.2.6
Processor Requests and External Requests
Requests are broadly categorized as processor requests and external requests. This
section will describe these two categories.
When a system event is generated, either a single request or a series of requests (referred
to as processor requests) are issued via the system interface so the processor can access an
external resource and invoke the service for the event. In order for this operation to be
performed properly, the processor system interface must be connected to a system agent
that meets the two following conditions:
1) It is in compliance to the system interface protocol.
2) It can regulate access to system resources.
An external agent that requests access to the processor cache or the status registers
generates an external request. This access request is transferred via the system interface.
Figure 6.2.5 illustrates the system event and request cycles.
Figure 6.2.5 Requests and System Event
6.2.6.1
Rules relating to processor requests
The following rules apply to processor requests.
•
After a processor read request is issued, the processor cannot issue the next
read request until after it receives a read response.
•
When in the R4000 compatible mode, after a write request is issued, at least 4
cycles must pass from when the write request issue cycle is complete until the
processor can issue the next request. This is because two dummy system
cycles are inserted as illustrated in Figure 6.2.6 by consecutive write requests
of single data cycles.
Figure 6.2.6 Timing of Consecutive Write Cycles
System Events
・ Load miss
・ Store miss
・ Store bit
・ Uncached load/store
・ Cache operation
Processor Request
・ Read
・ Write
Processor Request
・ Read
・ Write
・ Null
TX4955A
External agent
Addr
1
2
345
6
Cycle
Master Clock
SysAD Bus
WrRdy*
ValidOut*
Addr
78
9
10
Data
Dummy
Data
Dummy
Dummy
Cycle
123
4
Write #1
Write #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com