Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 168 page
background image
Chapter 6 TX4955A System Interface
6-10
6.2.6.8
Read responses
As illustrated in Figure 6.2.11, read responses return data to processor read
requests. Read responses are external requests, strictly speaking, but there is only
one difference with other external requests: read responses do not request permission
to use the system interface. Therefore, read responses are handled separately from
other external requests and are simply referred to as read responses.
Figure 6.2.11 Read Response
6.2.7
Handling of Requests
This section will describe in detail sequences, protocol, and syntax for both processor and
external requests.
•
Load miss
•
Store miss
•
Store bit
•
Cache operation
•
Load Linked/Store Conditional
6.2.7.1
Load miss
If a processor load miss occurs in the primary cache, the processor cannot proceed to
the next process if the cache line that contains the loaded data elements is not received
from the external agent.
If the current cache line set in which the write back bit (W bit) is set is replaced by a
new cache line, the current cache line must be written back.
The processor checks the coherency properties in the TLB entries for pages
including the requested cache lines. If the coherency properties are non-coherent, then
a non-coherent read request is issued. Table 6.2.1 indicates the measures that can be
taken when a load miss occurs in the primary cache.
Table 6.2.1 Load Miss to the Primary Cache
State of the replaced data cache line
Page Properties
Dirty (W = 0)/Invalid
Dirty (W = 1)
Non-coherent
NCR
NCR/W
NCR: Processor non-coherent, block read request
NCR/W: Processor non-coherent, block write requests continue after the block read
request
6.2.7.2
Store miss
When a store miss occurs in the primary cache, the processor cannot proceed to the
next process if it does not receive from the external agent a cache line that includes a
store target address. The processor checks the coherency properties in the TLB entries
for pages including the requested cache line, then confirms whether to invalidate write
transactions to that cache line or not.
After that, the processor executes one of the following requests:
1. Read request
TX4955A
External agent
2. Read response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com