Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 52Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 56Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 57Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 58Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 59Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 168 page
background image
Chapter 3 Initialization Interface
3-6
3.3.4
Reverse Endianness
When the
RE bit in the Status register is set, endianess as seen by user software is
reversed from its previous state.
3.3.5
Instruction Trace Support
Consists of an Enhanced JTAG Module and a Debug Support Unit (DSU). It can be used
to provide single-step execution and hardware break-points for debugging processor system.
EJTAG utilizes JTAG interface and extends the ability to access the inside register
contents, host system peripherals, and system memory.
3.3.6
Bootstrap Exception Vector
This bit is used when diagnostic tests cause exceptions to occur prior to verifying proper
operation of the cache and main memory system.
When set, the Bootstrap Exception Vector (
BEV) bit in the Status register causes the
TLB refill exception vector to be relocated to a virtual address of 0xFFFF FFFF BFC0 0200
and the general exception vector relocated to address 0xFFFF FFFF BFC0 0380.
When
BEV is cleared, these vectors are located at 0xFFFF FFFF 8000 0000 (TLB refill)
and 0xFFFF FFFF 8000 0180 (general).
3.3.7
Interrupt Enable
When IE bit is clear, interrupts are not allowed, with the exception of reset and the
nonmaskable interrupt.
3.3.8
Floating-Point Reigsters
By setting the FR bit in the Status register, the user accesses the full set of 32, 64-bit
floating point registers as defined in the MIPS III ISA. When reset, the processor accesses
the registers as defined in the MIPS II architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com