Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955F Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 97Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 98Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 99Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 100Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 101Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 102Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 103Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 104Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
Chapter 6 TX4955A System Interface
6-29
6.2.11.5 Null requests
Figure 6.2.27 illustrates the SysCmd format in the case of read requests.
87
5 4
0
0
011
Null request specific
Figure 6.2.27 Bit Definition of the SysCmd Bus for Null Requests
Null request commands are always used for system interface release external null
requests. Table 6.2.14 indicates methods of specifying SysCmd(4:3) for system
interface release external null requests. SysCmd(2:0) is reserved for null requests.
Table 6.2.14 Method of Specifying SysCmd(4:3) for External Null Requests
SysCmd(4:3)
Null Properties
0
Release system interface
1
∼ 3
Reserved
6.2.11.6 Syntax of system interface data identifiers
This section defines methods of specifying the SysCmd bus for system interface
identifiers. The bit structure illustrated in Figure 6.2.28 is common to all system
interface data identifiers.
87
54
3
0
0
Final
Data
Response
Data
Error
Data
Data
Check
Reserved
Figure 6.2.28 Bit Definition of the SysCmd Bus for Null Requests
SysCmd(8) must always be set to “1” for system interface data identifiers. System
interface data identifiers are in the non-coherent data format.
6.2.11.7 Non-coherent data
Non-coherent data are data such as the following.
•
Data that are the subject of a processor block write request or a processor
double word/partial double word/word/partial word write request.
•
Data that are returned to a processor non-coherent block read request or a
processor double word/
partial double word/word/partial word read request.
•
Data that are the subject of an external write request.
•
Data that are returned to an external read request as a response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com