Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 128Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 131Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 132Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 133Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 134Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 135Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 168 page
background image
Chapter 6 TX4955A System Interface
6-60
6.3.19
Physical Addresses
Physical addresses are driven on all 32 bits (bits 31 through 0) of the SysAD bus during
address cycles. Addresses associated with single read and write requests are aligned for the
size of the data element; specifically, for single word requests, the low order two bits of the
address are zero, for halfword requests, the low order bit of the address is zero. For byte
and tribyte requests, the address provided is a byte address.
External agents returning read response data must support subblock ordering.
Addresses associated with block read requests are aligned to the word of the desired data.
The order in which data is returned in response to a processor block read request is:
•
the word containing the addressed data word is returned first
•
the remaining word(s) in the block are returned next, sequentially
Block writes are always block aligned
6.3.20
Mode Register of System Interface (G2SConfig)
The Mode Register of System Interface (G2SCofig) is a read/write register.
This register extend from TX4300.
This register is only WORD-Access.
Table 6.3.9 G2SConfig
Address
Field
Desctiption
0xF_FF10_0000
G2SConfig
Mode Register of System Interface
31
20
19
4
3
2
1
0
Reserved=0
TOutVal
TOut Enable
Reserved=0
BURST8
WBRATE
Figure 6.3.32 G2SConfig Register Format
Table 6.3.10 G2SConfig Register Formats (MODE43* = 0)
Bit
Field
Description
ColdReset
read/write
31
~20
Reserved
Undefined
read
19
~4
TOutVal
Set Data of Read Time Out Counter
0xFFFF
read/write
3
TOutEnable
Enable bit of Read Time Out Counter
0: Disable
1: Enable
0
read/write
2
Reserved
Undefined
1
BURST8
Data Formats at 8-word burst write
0: Double burst mode 4 words
× 2
1: Single burst mode 8 words
0
read/write
0
WBRATE
Set bit of Data Out Formats
0: Every cycle Data Out
1: 4-word Data Out per 12 cycles
0
read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com