Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 136 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 136 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 132Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 133Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 134Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 135Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 136Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 137Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 138Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 139Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 140Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 168 page
background image
Chapter 7 JTAG Interface
7-2
7.2
Signal Summary
The JTAG interface signals are listed below and shown in Figure 7.2.1.
•
JTDI
JTAG serial data in
•
JTDO
JTAG serial data out
•
JTMS
JTAG test mode select
•
JTCK
JTAG serial clock input
•
TRST
JTAG test reset input
Figure 7.2.1 JTAG Interface Signals and Registers
The JTAG boundary-scan mechanism (referred to in this chapter as
JTAG mechanism)
allows testing of the connections between the processor, the printed circuit board to which it is
attached, and the other components on the circuit board.
The JTAG mechanism does not provide any capability for testing the processor itself.
70
Instruction register
TAP Controller
0
Bypass register
0
86
Boundary-scan register
31
0
Device Identification register
JTDI pin
JTD0 pin
JTMS pin
JTCK pin
TRST* pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com