Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 137 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 137 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 133Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 134Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 135Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 136Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 137Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 138Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 139Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 140Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 141Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
Chapter 7 JTAG Interface
7-3
7.3
JTAG Controller and Registers
The processor contains the following JTAG controller and registers:
•
Instruction register
•
Boundary-scan register
•
Bypass register
•
ID Code register
•
Test Access Port (TAP) controller
The processor executes the standard JTAG EXTEST operation associated with External Test
functionality testing.
The basic operation of JTAG is for the TAP controller state machine to monitor the JTMS
input signal. When it occurs, the TAP controller determines the test functionality to be
implemented. This includes either loading the JTAG instruction register (IR), or beginning a
serial data scan through a data register (DR), listed in Table 8-1. As the data is scanned in, the
state of the JTMS pin signals each new data word, and indicates the end of the data stream.
The data register to be selected is determined by the contents of the
Instruction register.
7.3.1
Instruction Register
The JTAG
Instruction register includes eight shift register-based cells; this register is
used to select the test to be performed and/or the test data register to be accessed. As listed
in Table 7.3.1, this encoding selects either the
Boundary-scan register or the Bypass
register or Device Identification register.
Table 7.3.1 JTAG Instruction Register Bit Encoding
Instruction Code
(MSB
→ LSB)
Instruction
Selected Data Register
00000000
EXTEST
Boundary Scan Register
00000001
SAMPLE/PRELOAD
Boundary Scan Register
00000010
Reserved
Reserved
00000011
IDCODE
Device Identification register
00000100 ~ 01111111
Reserved
Reserved
10000000 ~ 11111110
Debug Support Unit
Please refer DSU section
11111111
BYPASS
Bypass register
Figure 7.3.1 shows the format of the
Instruction register
76
54
32
10
MSB
LSB
Figure 7.3.1 Instruction Register
The instruction code is shifted out to the Instruction register from the LSB.
Figure 7.3.2 Instruction Register Shift Direction
LSB
JTDO
JTDI
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com